Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

047RMS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 047RMS
Description  Aluminum electrolytic capacitors Radial Miniature Semi-Professional
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

047RMS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  047RMS Datasheet HTML 1Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 2Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 3Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 4Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 5Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 6Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 7Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 8Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2000 Jan 18
3
BC Components
Product specification
Aluminum electrolytic capacitors
Radial Miniature Semi-Professional
047 RMS
Selection chart for CR, UR and relevant nominal case sizes (∅D × L in mm)
Preferred types in bold.
Note
1. For lower CV-values see data sheet
“036 RSP”.
CR
(
µF)
UR (V)
16
25
35
40
50
63
100(1)
−−−−−
10
× 12
220
−−
10
× 12
−
10
× 16
10
× 20
330
−−
10
× 16
10
× 20
−
12.5
× 20
470
10
× 12
10
× 16
10
× 20
−
12.5
× 20
12.5
× 25
1000
10
× 20
12.5
× 20
12.5
× 25
−
16
× 25
16
× 31
2200
12.5
× 25
16
× 25
16
× 31
16
× 35
18
× 35
18
× 35
3300
16
× 25
16
× 31
18
× 35
18
× 35
18
× 35
−
4700
16
× 31
18
× 35
18
× 35
−−−
6800
16
× 35
18
× 35
−−−−
10000
18
× 35
−−−−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com