Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

047RMS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 047RMS
Description  Aluminum electrolytic capacitors Radial Miniature Semi-Professional
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

047RMS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  047RMS Datasheet HTML 1Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 2Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 3Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 4Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 5Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 6Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 7Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 8Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2000 Jan 18
5
BC Components
Product specification
Aluminum electrolytic capacitors
Radial Miniature Semi-Professional
047 RMS
Taped products
MARKING
The capacitors are marked with the following information:
• Rated capacitance value (in µF)
• Tolerance on rated capacitance, code letter in accordance with “IEC 60062” (M for ±20%)
• Rated voltage (in V)
• Upper category temperature (105 °C)
• Group number (047)
• Code indicating factory of origin
• Name of manufacturer
• Date code, in accordance with “IEC 60062”
• Negative terminal identification.
Fig.4 Taped in box (ammopack).
handbook, full pagewidth
MAM066
Form TFA:
Case
∅D × L ≤ 16 × 31 mm.
Tape dimensions are specified in this handbook, section
“Packaging”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com