Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154BCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 56Page - Analog Devices AD9154BCPZ Datasheet HTML 57Page - Analog Devices AD9154BCPZ Datasheet HTML 58Page - Analog Devices AD9154BCPZ Datasheet HTML 59Page - Analog Devices AD9154BCPZ Datasheet HTML 60Page - Analog Devices AD9154BCPZ Datasheet HTML 61Page - Analog Devices AD9154BCPZ Datasheet HTML 62Page - Analog Devices AD9154BCPZ Datasheet HTML 63Page - Analog Devices AD9154BCPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 60 of 124
Monitoring Errors via SYNCOUTx±
When one or more disparity, not in table, or unexpected
control character error occurs, the error is reported on the
SYNCOUTx± pins as per Section 7.6 of the JESD204B
specification. The JESD204B specification states that
the SYNCOUTx± signal is asserted for exactly 2 frame periods
when an error occurs. For the AD9154, the width of
the SYNCOUTx± pulse can be programmed. The settings to
achieve a SYNCOUTx± pulse of 2 frame clock cycles are given in
Table 60.
Table 60. Setting SYNCOUTx± Error Pulse Duration
1
These register settings assert the SYNCOUTx± signal for 2 frame clock cycles
pulse widths.
Disparity, NIT, Unexpected Control Character IRQs
For disparity, not in table, and unexpected control character
errors, error count over the threshold events are available as
IRQ events. Enable these events by writing to Register 0x47A,
Bits[7:5]. The IRQ event status can be read at the same address
(Register 0x47A, Bits[7:5]) after the IRQs are enabled.
Errors Requiring Reinitializing
A link reinitialization automatically occurs when four invalid
disparity characters are received as per Section 7.1 of the JESD
specification. When a link reinitialization occurs, the resync
request is 5 frames and 9 octets long.
The user can optionally reinitialize the link when the error
count for disparity errors, not in table errors, or unexpected
control characters reaches a programmable error threshold. The
process to enable the reinitialization feature for certain error
types is as follows:
1. Set THRESHOLD_MASK_EN (Register 0x477, Bit 3) = 1.
Note that when this bit is set, unmasked errors do not
saturate at either threshold or maximum value.
2. Enable the sync assertion mask for each type of error by
writing to the SYNC_ASSERTION_MASK register
(Register 0x47B, Bits[7:5]) according to Table 61.
3. Program the desired error counter threshold into
ERRORTHRES (Register 0x47C).
4. For each error type enabled in the SYNC_ASSERTION_
MASK register, if the error counter on any lane reaches the
programmed threshold, SYNCOUTx± falls, issuing a sync
request. Note that all error counts are reset when a link
reinitialization occurs. The IRQ does not reset and must be
reset manually.
Table 61. Sync Assertion Mask
Addr.
Bit No.
Bit Name
Description
0x47B
7
BADDIS_S
Set to 1 to assert SYNCOUTx±
if the disparity error count
reaches the threshold
6
NIT_S
Set to 1 to assert SYNCOUTx±
if the not in table error count
reaches the threshold
5
UCC_S
Set to 1 to assert SYNCOUTx±
if the unexpected control
character count reaches the
threshold
CGS, Frame Sync, Checksum, and ILAS Monitoring
Register 0x470 to Register 0x473 can be monitored to verify
that each stage of JESD204B link establishment has occurred.
Program Register 0x300, Bit 2 = 0 to monitor the status of the
lanes on Link 0, and Register 0x300, Bit 2 = 1 to monitor the
status of the lanes on Link 1.
Bit x of CODEGRPSYNCFLAG (Register 0x470) is high if
Link Lane x received at least 4 K28.5 characters and passed code
group synchronization.
Bit x of FRAMESYNCFLAG (Register 0x471) is high if
Link Lane x completed initial frame synchronization.
Bit x of GOODCHKSUMFLG (Register 0x472) is high if the
checksum sent over the lane matches the sum of the JESD204B
parameters sent over the lane during ILAS for Link Lane x. The
parameters can be added either by summing the individual fields
in registers or summing the packed register. If Register 0x300,
Bit 6 = 0 (default), the calculated checksums are the lower 8 bits
of the sum of the following fields: DID, BID, LID, SCR, L − 1, F − 1,
K − 1, M − 1, N − 1, SUBCLASSV, NP − 1, JESDV, S − 1, and
HD. If Register 0x300, Bit 6 = 1, the calculated checksums are
the lower 8 bits of the sum of Register 0x400 to Register 0x40C
and LID.
Bit x of INITIALLANESYNC (Register 0x473) is high if
Link Lane x passed the initial lane alignment sequence.
CGS, Frame Sync, Checksum, and ILAS IRQs
Fail signals for CGS, frame sync, checksum, and ILAS are available
as IRQ events. Enable them by writing to Register 0x47A,
Bits[3:0]. The IRQ event status can be read at the same address
(Register 0x47A, Bits[3:0]) after the IRQs are enabled. Write a 1
to Register 0x470, Bit 7 to reset the CGS IRQ. Write a 1 to
Register 0x471 to reset the frame sync IRQ. Write a 1 to
Register 0x472 to reset the checksum IRQ. Write a 1 to
Register 0x473 to reset the ILAS IRQ.
JESD204B
Mode IDs
PClockFactor
(Frames/PClock)
SYNCB_ERR_DUR
(Register 0x312[5:4]) Setting1
0, 4, 9
4
0 (default)
1, 2, 5, 6, 10
2
1
3, 7
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com