Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154BCPZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 92Page - Analog Devices AD9154BCPZ Datasheet HTML 93Page - Analog Devices AD9154BCPZ Datasheet HTML 94Page - Analog Devices AD9154BCPZ Datasheet HTML 95Page - Analog Devices AD9154BCPZ Datasheet HTML 96Page - Analog Devices AD9154BCPZ Datasheet HTML 97Page - Analog Devices AD9154BCPZ Datasheet HTML 98Page - Analog Devices AD9154BCPZ Datasheet HTML 99Page - Analog Devices AD9154BCPZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 96 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
SYNCMODE
Sync Mode.
0x0
R/W
0 Reserved.
1 Sync one-shot mode.
2 Sync continuous mode.
5 Reserved.
6 Reserved.
8 Sync monitor only mode.
A Sync one-shot then monitor.
9 Sync one-shot then monitor.
D Reserved..
E Reserved
0x03B
SYNC_STATUS
7
REFBUSY
Sync Machine Busy.
0x0
R
1 Sync logic SM is busy.
[6:4]
RESERVED
Reserved.
0x0
R
3
REFLOCK
Sync Alignment Locked.
0x0
R
1 Sync logic aligned within window.
2
REFROTA
Sync Rotated.
0x0
R
1 Sync logic rotated with SYSREF± (sticky).
1
REFWLIM
Sync Alignment Limit Range.
0x0
R
1 Phase error outside of specified window error threshold.
0
REFTRIP
Sync Tripped After Arming.
0x0
R
1 Sync received SYSREF pulse (sticky).
0x03C
SYNC_
CURRERR_L
[7:0]
CURRERROR_L
Sync Alignment Error. This register gives the user real
time access of the SYSREF± to the internal clock
counters. The value of SYNC_CURRERR =
(SYNC_CURRERR_H[0],SYNC_CURRERR_L) is the
difference between the SYSREF± position relative to
the clock divider and the target position relative to
the internal counter. This register monitors the phase
of the internal clocks in monitor modes of operation.
If an adjustment of the clocks is made on any given
SYSREF±, the value of the phase error is placed into
SYNC_LASTERR and SYNC_CURRERR is forced to 0.
0x0
R
0x03D
SYNC_
CURRERR_H
7
CURRUNDER
Sync Current Error Under Flag.
0x0
R
1 Current phase error under window tolerance.
6
CURROVER
Sync Current Error Over Flag.
0x0
R
1 Current phase error over window tolerance.
[5:1]
RESERVED
Reserved.
0x0
R
0
CURRERROR_H
Sync Current Error[8].
0x0
R
0x040
DAC_GAIN0_I
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
DAC_GAIN_I1
I DAC Current Scaling MSBs
0x3
R/W
0x041
DAC_GAIN1_I
[7:0]
DAC_GAIN_I0
I DAC Current Scaling LSBs.
0xFF
R/W
0x042
DAC_GAIN0_Q
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
DAC_GAIN_Q1
Q DAC Current Scaling MSBs.
0x3
R/W
0x043
DAC_GAIN1_Q
[7:0]
DAC_GAIN_Q0
Q DAC current scaling LSBs.
0xFF
R/W
0x044
GROUPDELAY
COMP_I
[7:0]
GROUP DELAY
COMP I [7:0]
Group Delay Compensation Bits for I Channel. These
bits set the group delay compensation for the
I channel DAC.
0x0
R/W
0x045
GROUPDELAY
COMP_Q
[7:0]
GROUP DELAY
COMP Q [7:0]
Group Delay Compensation Bits for Q Channel. These
bits set the group delay compensation for the Q
channel DAC.
0x0
R/W
0x046
GROUPDELAY
COMP_BYP
[7:2]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com