Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 9Page - Analog Devices AD9154BCPZ Datasheet HTML 10Page - Analog Devices AD9154BCPZ Datasheet HTML 11Page - Analog Devices AD9154BCPZ Datasheet HTML 12Page - Analog Devices AD9154BCPZ Datasheet HTML 13Page - Analog Devices AD9154BCPZ Datasheet HTML 14Page - Analog Devices AD9154BCPZ Datasheet HTML 15Page - Analog Devices AD9154BCPZ Datasheet HTML 16Page - Analog Devices AD9154BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 13 of 124
Pin No.
Mnemonic
Description
23
SYNCOUT0+
Positive LVDS Synchronization Output Signal for Channel Link 0.
24
SYNCOUT0−
Negative LVDS Synchronization Output Signal for Channel Link 0.
26
SERDIN2+
Serial Channel Input 2, Positive. CML compliant. SERDIN2+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
27
SERDIN2−
Serial Channel Input 2, Negative. CML compliant. SERDIN2− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
29
SERDIN3+
Serial Channel Input 3, Positive. CML compliant. SERDIN3+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
30
SERDIN3−
Serial Channel Input 3, Negative. CML compliant. SERDIN3− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
34
LDO_BYP1
LDO SERDES Bypass. This pin requires a 1 Ω resistor in series with a 1 µF capacitor to ground.
35
SIOVDD33
SERDES Ports Input/Output Supply.
37
SERDIN4−
Serial Channel Input 4, Negative. CML compliant. SERDIN4− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
38
SERDIN4+
Serial Channel Input 4, Positive. CML compliant. SERDIN4+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
40
SERDIN5−
Serial Channel Input 5, Negative. CML compliant. SERDIN5− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
41
SERDIN5+
Serial Channel Input 5, Positive. CML compliant. SERDIN5+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
43
SYNCOUT1−
Negative LVDS Synchronization Output Signal for Channel Link 1.
44
SYNCOUT1+
Positive LVDS Synchronization Output Signal for Channel Link 1.
48
SERDIN6−
Serial Channel Input 6, Negative. CML compliant. SERDIN6− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
49
SERDIN6+
Serial Channel Input 6, Positive. CML compliant. SERDIN6+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
51
SERDIN7−
Serial Channel Input 7, Negative. CML compliant. SERDIN7− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
52
SERDIN7+
Serial Channel Input 7, Positive. CML compliant. SERDIN7+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
54, 55
DNC
Do Not Connect. Do not connect to this pin.
58
PDP OUT1
Power Detection and Protection (PDP) Indicator for DAC2 and DAC3.
59
PDP OUT0
PDP Indicator for DAC0 and DAC1.
60
IRQ
Interrupt Request (Active Low, Open Drain).
61
RESET
Reset (Active Low). CMOS levels with are determined with respect to IOVDD.
62
SDO
Serial Port Data Output. CMOS levels with are determined with respect to IOVDD.
63
SDIO
Serial Port Data Input/Output. CMOS levels with are determined with respect to IOVDD.
64
SCLK
Serial Port Clock Input. CMOS levels with are determined with respect to IOVDD.
65
CS
Serial Port Chip Select (Active Low). CMOS levels with are determined with respect to IOVDD.
66
IOVDD
CMOS Input/Output and SPI Pin Supply.
67, 70, 72, 75,
77, 80, 82, 85
AVDD33
3.3 V Analog Supplies for the DAC Cores.
68
OUT3+
DAC3 Positive Current Output.
69
OUT3−
DAC3 Negative Current Output.
71, 76, 81, 87
CVDD12
1.2 V Clock Supplies.
73
OUT2−
DAC2 Negative Current Output.
74
OUT2+
DAC2 Positive Current Output.
78
OUT1+
DAC1 Positive Current Output.
79
OUT1−
DAC1 Negative Current Output.
83
OUT0−
DAC0 Negative Current Output.
84
OUT0+
DAC0 Positive Current Output.
86
I120
Output Current Generation Pin for DAC Full-Scale Current. Tie a 4 kΩ resistor from this pin to ground.
88
LDO_BYP2
LDO Clock Bypass for the DAC PLL. Tie a 1 Ω resistor in series with a 1 µF capacitor from this pin to ground.
EPAD
Exposed Pad. The exposed pad must be securely connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com