Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 10Page - Analog Devices AD9154BCPZ Datasheet HTML 11Page - Analog Devices AD9154BCPZ Datasheet HTML 12Page - Analog Devices AD9154BCPZ Datasheet HTML 13Page - Analog Devices AD9154BCPZ Datasheet HTML 14Page - Analog Devices AD9154BCPZ Datasheet HTML 15Page - Analog Devices AD9154BCPZ Datasheet HTML 16Page - Analog Devices AD9154BCPZ Datasheet HTML 17Page - Analog Devices AD9154BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 14 of 124
TYPICAL PERFORMANCE CHARACTERISTICS
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
fOUT (MHz)
Figure 4. Single Tone (0 dBFS) SFDR vs. fOUT in the First Nyquist Zone over
fDAC = 1966.08 MHz and 1228.80 MHz, All Four DAC Outputs
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
Figure 5. Single Tone (0 dBFS) SFDR vs. fOUT in the First Nyquist Zone over
fDAC = 1474.56 MHz and 983.04 MHz, All Four DAC Outputs
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
fDAC = 1966.08MHz
Figure 6. Single Tone (0 dBFS) SFDR vs. fOUT in the First Nyquist Zone over
fDAC = 1966.08 MHz, 1474.56 MHz, 1228.8 MHz, and 983.04 MHz
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–12dBFS
–15dBFS
Figure 7. Single Tone SFDR vs. fOUT in the First Nyquist Zone over Digital Back Off,
fDAC = 1966.08 MHz
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–12dBFS
–15dBFS
Figure 8. In-Band Second Harmonic vs. fOUT in the First Nyquist Zone over
Digital Back Off, fDAC = 1966.08 MHz
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–12dBFS
–15dBFS
Figure 9. In-Band Third Harmonic vs. fOUT in the First Nyquist Zone,
fDAC = 1966.08 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com