Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5231 Datasheet HTML 5Page - Analog Devices AD5231 Datasheet HTML 6Page - Analog Devices AD5231 Datasheet HTML 7Page - Analog Devices AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
AD5231
–9–
FREQUENCY – Hz
0
–50
1k
100k
10k
–30
–40
–20
–10
1M
CODE = 200H
10H
04H
08H
100H
80H
40H
20H
01H
–60
02H
TPC 13. Gain vs. Frequency vs. Code, RAB = 50 kΩ.
Test Circuit in Figure 18
FREQUENCY – Hz
0
–50
1k
100k
10k
–30
–40
–20
–10
1M
CODE = 200H
10H
04H
08H
100H
80H
40H
20H
01H
–60
02H
TPC 14. Gain vs. Frequency vs. Code, RAB = 100 k
Ω.
Test Circuit in Figure 18
RAB = 10k
RAB = 50k
RAB = 100k
FREQUENCY – Hz
80
100
10k
1M
1k
100k
10M
70
50
30
20
0
60
40
10
VDD = +5.0V 100mV AC
VSS = 0V, VA = 5V, VB = 0V
MEASURED AT VW WITH CODE = 200 H
TPC 15. PSRR vs. Frequency
VDD
VW
0.5V/DIV
MIDSCALE
100 s/DIV
100
90
EXPECTED
VALUE
10
0%
TPC 16. Power-On Reset, VDD = 2.25 V,
Code = 1010101010B
TIME –
s
2.55
010
20
515
25
2.53
2.51
2.49
2.47
2.45
VDD/VSS = 5V/0V
CODE = 200H TO 1FFH
RAB = 10k
RAB = 50k
RAB = 100k
TPC 17. Midscale Glitch Energy, Code 200H to 1FFH
CS
CLK
SDI
IDD
20mA/DIV
5V/DIV
5V/DIV
5V/DIV
4ms/DIV
TPC 18. IDD vs. Time (Save) Program Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com