Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
AD5231
–12–
SDI Pin of the next package. Users may need to increase the clock
period because the pull-up resistor and the capacitive loading at
the SDO-SDI interface may require additional time delay between
subsequent packages. When two AD5231s are daisy-chained, 48
bits of data are required. The first 24 bits go to U2 and the second
24 bits go to U1. The 24 bits are formatted to contain the 4-bit
instruction, followed by the 4-bit address, 6-bit don’t care, then
the 10 bits of data. (The don’t care can be used to store user
information. See section Using Additional Internal Nonvolatile
EEMEM). The
CS should be kept low until all 48 bits are clocked
into their respective serial registers. The
CS is then pulled high to
complete the operation.
SDI
SDO
CLK
+V
RP
2k
C
SDI
SDO
CLK
CS
CS
U1
U2
AD5231
AD5231
Figure 5. Daisy Chain Configuration using SDO
Terminal Voltage Operation Range
The
AD5231 positive VDD and negative VSS power supply
defines the boundary conditions for proper 3 terminal digital
potentiometer operation. Supply signals present on terminals A,
B, and W that exceed VDD or VSS will be clamped by the internal
forward biased diodes (see Figure 6).
The ground pin of the AD5231 device is primarily used as a
digital ground reference, which needs to be tied to the PCB’s
common ground. The digital input control signals to the AD5231
must be referenced to the device ground pin (GND), and satisfy
the logic level defined in the specification table of this data
sheet. An internal level-shift circuit ensures that the common-
mode voltage range of the three terminals extends from VSS to
VDD, regardless of the digital input level.
VSS
VDD
A
W
B
Figure 6. Maximum Terminal Voltages Set by VDD and VSS
Power-Up Sequence
Sinc
e there are diodes to limit the voltage compliance at terminals
A, B, and W (see Figure 6), it is important to power VDD/VSS first
before applying any voltage to terminals A, B, and W. Otherwise,
the diode will be forward-biased such that VDD/VSS will be powered
unintentionally and may affect the rest of the user’s circuit. The
ideal power-up sequence is in the following order: GND, VDD, VSS,
Digital Inputs, and V A/B/W. The order of powering VA, VB, VW,
and digital inputs are not important as long as they are powered
after VDD/VSS.
Regardless of the power-up sequence and the ramp rates of the
power supplies, once VDD/VSS are powered, the power-on reset
remains effective, which retrieves EEMEM saved value to
RDAC register.
Latched Digital Outputs
A pair of digital outputs, O1 and O2, is available on the AD5231
that provide a nonvolatile logic 0 or logic 1 setting. O1 and O2 are
standard CMOS logic outputs (shown in Figure 7). These outputs
are ideal to replace functions often provided by DIP switches. In
addition, they can be used to drive other standard CMOS logic
controlled parts that need an occasional setting change.
VDD
GND
OUTPUTS
O1 AND O2
PINS
Figure 7. Logic Outputs O1 and O2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com