Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD5231
–19–
V+
V–
OP2177
AD5231
VO
V+
V–
OP2177
AD5231
Vi
A
W
B
–kVi
A
B
W
VDD
VSS
R1
R2
VDD
VSS
A
U2
A2
U1
Figure 23. Bipolar Programmable Gain Amplifier
In the simpler (and much more usual) case where K = 1, a pair
of matched resistors can replace U1. Equation 4 simplifies to:
V
V
R
R
D
O
I
=+
 ×
1
2
1
2
1024
1
2 –
(5)
Table XVI shows the result of adjusting D with A2 configured as
a unity gain, a gain of 2, and a gain of 10. The result is a bipolar
amplifier with linearly programmable gain and 1024-step resolution.
Table XVI. Result of Bipolar Gain Amplifier
D
R1 =
, R2 = 0
R1 = R2 R2 = 9 R1
0
–1
–2
–10
256
–0.5
–1
–5
512
0
0
0
768
0.5
1
5
1023
0.992
1.984
9.92
10-Bit Bipolar DAC
If the circuit is changed in Figure 23 with the input taking from a
voltage reference and configure A2 as a buffer, a 10-bit bipolar DAC
can be realized. Compared to the conventional DAC, this circuit
offers comparable resolution but not the precision because of the wiper
resistance effects. Degradation of the nonlinearity and temperature
coefficient are prominent near both ends of the adjustment range.
On the other hand, this circuit offers a unique nonvolatile memory
feature which in some cases outweigh the shortfall of nonprecision.
The output of this circuit is:
V
D
V
O
REF
=


×
2
1024
1
2
–
(6)
V+
V–
AD8552
AD5231
VO
V+
V–
AD8552
–2.5VREF
B
A
W
A1
U1
+2.5VREF
VIN VOUT
TRIM
GND
ADR421
+5V
–5V
–5V
+5V
RR
A2
+5V
Figure 24. 10-Bit Bipolar DAC
Programmable Voltage Reference
For programmable voltage divider mode operation (Figure 25)
it is common to buffer the output of the digital potentiometer
unless the load is much larger than the source resistance RWB. In
addition, the current handling of the digital potentiometer is
limited by its maximum operating voltage, power dissipation, and
the maximum current handling of the internal switches at a
given resistance (see TPC 20). As a result, the added buffer can
be used to deliver the current needed to the load as long as it is
within its current handling capability.
AD5231
V+
V–
AD8601
W
A1
VIN VOUT
GND
AD1582
5V
5V
U1
3
A
B
VO
1
2
Figure 25. Programmable Voltage Reference
Programmable Voltage Source with Boosted Output
For applications such as laser diode driver or turnable laser,
requiring high current adjustment a boosted voltage source can
be considered (see Figure 26).
AD5231
V+
V–
W
A1
VBIAS
5V
A
B
VS
N1
P1
RBIAS
SIGNAL CC
LD
IBIAS
R1
10k
A1 = AD8601, AD8605, AD8541
P1 = FDP360P, NDS9430
N1 = FDV301N, 2N7002
Figure 26. Boosted Voltage Source
In this circuit, the inverting input of the op amp forces the
VBIAS to be equal to the wiper voltage set by the digital potenti-
ometer. The load current is then delivered by the supply via the
P-Ch FET P1. The N-Ch FET N1 simplifies the op amp driving
requirement. Resistor R1 is needed to prevent P1 for not turning
off once it is on. The choice of R1 is a balance between the power
loss of this resistor and the output turn off time. N1 can be any
general purpose signal FET; on the other hand, P1 is driven in
the saturation state and therefore its power handling must be
adequate to dissipate (VS – VBIAS)
IBIAS power. This circuit
can source maximum of 100 mA at 5 V supply. Higher current
can be achieved with P1 in larger package. Note a single N-Ch
FET can replace P1, N1, and R1 altogether. However, the output
swing will be limited unless separate power supplies are used.
For precision application, a voltage reference such as ADR423,
ADR292, and AD1584, can be applied at the input of the digital
potentiometer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com