Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD5231
–13–
Table III. Instruction/Operation Truth Table
1, 2, 3
Instruction Byte 0
Data Byte 1
Data Byte 0
Instruction
B23 ••••••••••••••••••••••• B16
B15 ••••• B8
B7 ••• B0
Number
C3 C2 C1 C0 A3 A2 A1 A0
X ••• D9 D8
D7 ••• D0
Operation
0
0
0
0
0
X X X X
X ••• X X
X ••• X
NOP: Do nothing. See Table XI
1
0
0
0
1
0
0
0
A0
X ••• X X
X ••• X
Write content of EEMEM to RDAC Register.
This command leaves device in the Read Pro-
gram power state. To return part to the idle
state, perform NOP instruction #0. See Table XI
2
0
0
1
0
0
0
0
A0
X ••• X X
X ••• X
SAVE WIPER SETTING: Write contents of
RDAC to EEMEM. See Table X
34
0
0
1
1
A3 A2 A1 A0
D15 ••• D8
D7 ••• D0
Write contents of Serial Register Data Bytes 0
and 1 (total 16-bit) to EEMEM(ADDR).
See Table XIII
45
0
1
0
0
0
0
0
A0
X ••• X X
X ••• X
Decrement 6 dB: Right Shift contents of
RDAC, stops at all “Zeros.”
5
5
0
1
0
1
X X X X
X ••• X X
X ••• X
Same as instruction 4
65
0
1
1
0
0
0
0
A0
X ••• X X
X ••• X
Decrement content of RDAC Register by “One,”
stops at all “Zeros.”
7
5
0
1
1
1
X X X X
X ••• X X
X ••• X
Same as instruction 6
8
1
0
0
0
X X X X
X ••• X X
X ••• X
RESET: Load RDAC with its corresponding
EEMEM previously saved value.
9
1
0
0
1
A3 A2 A1 A0
X ••• X X
X ••• X
Write content of EEMEM(ADDR) to Serial
Register Data Bytes 0 and 1. SDO activated.
See Table XIV
10
1
0
1
0
0
0
0
A0
X ••• X X
X ••• X
Write content of RDAC to Serial Register Data
Bytes 0 and 1. SDO activated. See Table XV
11
1
0
1
1
0
0
0
A0
X ••• D9, D8
D7 ••• D0
Write content of Serial Register Data Bytes 0
and 1 (total 10-bit) to RDAC Register.
See Table IX
12
5
1
1
0
0
0
0
0
A0
X ••• X X
X ••• X
Increment 6 dB: Left Shift content of RDAC,
stops at all “Ones.” See Table XII
135
1
1
0
1
X X X X
X ••• X X
X ••• X
Same as instruction 12
14
5
1
1
1
0
0
0
0
A0
X ••• X X
X ••• X
Increment content of RDAC Register by “One,”
stops at all “Ones.” See Table X.
155
1
1
1
1
X X X X
X ••• X X
X ••• X
Same as instruction 14
NOTES
1The SDO output shifts out the last 24 bits of data clocked into the serial register for daisy-chain operation. Exception, any instruction following instruction #9 or #10,
the selected internal register data will be present in Data Bytes 0 and 1. The instruction following #9 and #10 must also be a full 24-bit data word to completely clock
out the contents of the serial register.
2The RDAC register is a volatile scratch pad register that is refreshed at power ON from the corresponding nonvolatile EEMEM register.
3Execution of the above operations takes place when the
CS strobe returns to logic high.
4Instruction #3 write two data bytes (16-Bit data) to EEMEM. In the case of 0 addresses, only the last 10 bits are valid for wiper position setting.
5The increment, decrement, and shift commands ignore the contents of the shift register Data Bytes 0 and 1.
Table II. AD5231 24-Bit Serial Data Word
MSB Instruction Byte 0
Data Byte 1
Data Byte 0
LSB
RDAC
C3 C2 C1 C0 000A0 XXXXXXD9 D8 D7 D6 D5 D4 D3 D2 D1 D0
EEMEM
C3 C2 C1 C0 A3 A2 A1 A0 DDDDDDD9 D8 D7 D6 D5 D4 D3 D2 D1 D0
15 14 13 12 11 10
Command bits are C0 to C3. Address bits are A3 to A0. Data bits D0 to D9 are applicable to RDAC; D0 to D15 are applicable to EEMEM. Command
instruction codes are defined in Table III.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com