Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3232 Datasheet(PDF) 7 Page - Vishay Telefunken

Part # TOIM3232
Description  High-Performance gate array package using dual metal layer CMOS technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

TOIM3232 Datasheet(HTML) 7 Page - Vishay Telefunken

  TOIM3232 Datasheet HTML 1Page - Vishay Telefunken TOIM3232 Datasheet HTML 2Page - Vishay Telefunken TOIM3232 Datasheet HTML 3Page - Vishay Telefunken TOIM3232 Datasheet HTML 4Page - Vishay Telefunken TOIM3232 Datasheet HTML 5Page - Vishay Telefunken TOIM3232 Datasheet HTML 6Page - Vishay Telefunken TOIM3232 Datasheet HTML 7Page - Vishay Telefunken TOIM3232 Datasheet HTML 8Page - Vishay Telefunken TOIM3232 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOIM3232
Vishay Telefunken
Not for new designs
Rev. A1.1, 02-Apr-01
7 (9)
www.vishay.com
Document Number 82521
Table 1. Recommended Application Circuit Components
Component
Recommended Value
Vishay Part Number
C0
100 nF
VJ 1206 Y 104 J XXMT
C1
22
mF, 16 V
293D 226X9 016C 2T
C2
47
mF, 16 V
293D 476X9 016D 2T
C3
22 pF
VJ 1206 A 220 J XAMT
C4
22 pF
VJ 1206 A 220 J XAMT
C5
100 nF
VJ 1206 Y 104 J XXMT
C6
6.8
mF
293D 685X9 016B 2T
C02
47
mF, 16 V
293D 476X9 016D 2T
D1
1N4148
D2
1N4148
D4
BZT55C4V7
D5
1N4148
D6
1N4145
D7
BZT55C6V2
D8
BZT55C6V8
D01
1N4148
D02
1N4148
D03
1N4145
IRED1
TSHF5400
IRED01
TSHF5400
IRED02
TSHF5400
IRED03
TSHF5400
Jumper
CRCW–1206–000–F–RT1
LED1
TLLY4401
LED2
TLLG4401
Q1
BC817–25
Q2
MOSFET
VP 0610 0T
Q3
BC815–25
Q4
BC817–25
R0
220 k
Ω
CRCW–1206–2203–F–RT1
R1
22 k
Ω
CRCW–1206–2202–F–RT1
R2
10 k
Ω
CRCW–1206–1002–F–RT1
R3
22 k
Ω
CRCW–1206–2202–F–RT1
R5
1 k
Ω
CRCW–1206–1001–F–RT1
R6
47 k
Ω
CRCW–1206–4702–F–RT1
R9
5.6 k
Ω
CRCW–1206–5601–F–RT1
R10
100 k
Ω
CRCW–1206–1003–F–RT1
R11
100
Ω
CRCW–1206–1000–F–RT1
R12
20
Ω
CRCW–1206–20R0–F–RT1
R13
12 k
Ω
CRCW–1206–1202–F–RT1
R17
750
Ω
CRCW–1206–7500–F–RT1
R18
750
Ω
CRCW–1206–7500–F–RT1
R02
75
Ω
CRCW–1206–75R0–F–RT1
T01
TN0201T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com