Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3232 Datasheet(PDF) 1 Page - Vishay Telefunken

Part # TOIM3232
Description  High-Performance gate array package using dual metal layer CMOS technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

TOIM3232 Datasheet(HTML) 1 Page - Vishay Telefunken

  TOIM3232 Datasheet HTML 1Page - Vishay Telefunken TOIM3232 Datasheet HTML 2Page - Vishay Telefunken TOIM3232 Datasheet HTML 3Page - Vishay Telefunken TOIM3232 Datasheet HTML 4Page - Vishay Telefunken TOIM3232 Datasheet HTML 5Page - Vishay Telefunken TOIM3232 Datasheet HTML 6Page - Vishay Telefunken TOIM3232 Datasheet HTML 7Page - Vishay Telefunken TOIM3232 Datasheet HTML 8Page - Vishay Telefunken TOIM3232 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TOIM3232
Vishay Telefunken
Not for new designs
Rev. A1.1, 02-Apr-01
1 (9)
www.vishay.com
Document Number 82521
Integrated Interface Circuits
ULC Technology:
High-performance gate array package using dual metal layer CMOS technology,
featuring sub-micron channel length (0.8
mm)
Description
The TOIM3232 IC provides proper pulse shaping for
the front end infrared transceivers of the 4000-series
(4000-series
devices
are
infrared
transceiver
compliant to the IrDA standard made by Vishay
Telefunken), as specified by the IrDA standard. In the
transmit mode, the TOIM3232 shortens the RS232
output signal to IrDA compatible electrical pulses to
drive the infrared. In the receive mode, the TOIM3232
stretches the received infrared pulses to the proper bit
width at the operating bit rate. The IrDA bit rate varies
between 2.4 kbit/s to 115.2 kbit/s.
The TOIM3232 is using a crystal clock 3.6864 MHz for
its pulse stretching and shortening. The clock can be
generated by the internal oscillator or an external clock
can be used, too. The TOIM3232 is programmable to
operate from 1200 bit/s to 115.2kbit/s
by
the
communication software through the RS232 port. The
output pulses are software programmable as either
1.627
ms or 3/16 of bit time. The typical power
consumption is very low with about 10 mW in
operational state and in the order of a few microwatts
in standby mode.
Features
D Pulse shaping function (shortening and stretching)
used in infrared IrDA standard applications
D Directly interfaces the infrared transceiver
TFDx4xxx series to RS232 port
D Programmable baud clock generator
(1200 Hz to 115 kHz), 13 baud rates
D SO16L package
D 3 V and 5 V operation
Low operating current
Block Diagram
Pulse
shaper
Clock
generator
Logic
Oscillator
TD_232
RD_232
BR/D
RESET
TD_IR
RD_IR
TD_LED
RD_LED
VCC_SD
S1
S2
VCC
GND
Figure 1. Block diagram


Similar Part No. - TOIM3232

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TOIM3232 TEMIC-TOIM3232 Datasheet
123Kb / 9P
Infrared IrDA Integrated Interface Circuits
More results

Similar Description - TOIM3232

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT20 SLS-SL74HCT20 Datasheet
33Kb / 4P
Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT20 INTEGRAL-IN74HCT20 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
HIGH-PERFORMANCE CMOS GATE ARRAY
logo
Hitachi Semiconductor
HG62E HITACHI-HG62E Datasheet
1Mb / 54P
CMOS GATE ARRAY
logo
Integral Corp.
IN74HC20A INTEGRAL-IN74HC20A Datasheet
178Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
CMOS HIGH SPEED GATE ARRAY
logo
KODENSHI_AUK CORP.
KK74HC20A KODENSHI-KK74HC20A Datasheet
193Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT20A KODENSHI-KK74HCT20A Datasheet
196Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC20A IKSEMICON-IN74HC20A Datasheet
180Kb / 5P
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com