Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3232 Datasheet(PDF) 4 Page - Vishay Telefunken

Part # TOIM3232
Description  High-Performance gate array package using dual metal layer CMOS technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

TOIM3232 Datasheet(HTML) 4 Page - Vishay Telefunken

  TOIM3232 Datasheet HTML 1Page - Vishay Telefunken TOIM3232 Datasheet HTML 2Page - Vishay Telefunken TOIM3232 Datasheet HTML 3Page - Vishay Telefunken TOIM3232 Datasheet HTML 4Page - Vishay Telefunken TOIM3232 Datasheet HTML 5Page - Vishay Telefunken TOIM3232 Datasheet HTML 6Page - Vishay Telefunken TOIM3232 Datasheet HTML 7Page - Vishay Telefunken TOIM3232 Datasheet HTML 8Page - Vishay Telefunken TOIM3232 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOIM3232
Vishay Telefunken
Not for new designs
Rev. A1.1, 02-Apr-01
4 (9)
www.vishay.com
Document Number 82521
Software for the TOIM3232
The control word is composed of two characters, written in hexadecimal, in format: YZ.
UART Programming
For proper operation, the RS232 must be programmed
to send a START bit plus an 8 bit data word, YZ and
no STOP bit for every word sent. The transfer rate for
programming must be identical with the formerly
programmed
data
rate,
or
after
resetting
the
TOIM3232, the default rate of 9600 bit/s is used.
Software algorithm
Step
RESET
BR/D
RD_UART TD_UART
RD_IR
TD_IR
Comments
1
HIGH
X
X
X
X
X
Resets all internal registers. Resets
IrDA default data rate of 9600 bit/s.
2
LOW
X
X
X
X
X
Wait at least 7
ms.
3
LOW
HIGH
X
X
X
X
Wait at least 7
ms.
The TOIM3232 now enters the
Control Word (programming) mode.
4
LOW
HIGH
YZ
with Y = 1
for
1.627
ms
Y = 0
for 3/16 bit
length
X
X
X
Sending the Control Word YZ.
Send ‘1Z’ if 1.627
ms pulses are
used. Otherwise send ‘0Z’ if 3/16 bit
pulses are used. ‘Y6’ keeps the 9.6
kbit/s data rate, whereas the ’0Z’
selects the 3/16 bit length pulses.
Z = 0 sets to 115.2 kbit/s. Wait at
least 1
ms for hold-time.
5
LOW
LOW
DATA
DATA
DATA
DATA
Data communication between the
TOIM3232 and the RS232 port has
been established by BR/D LOW.
The TOIM3232 now enters the data
transmission mode. Both RESET
and BR/D must be kept LOW (‘0’)
during data mode. Software can
reprogram a new data rate by
restarting from step 3.
The UART also must be set to the
correct data rate *).
*)
For programming the UART, refer to e.g., National Semiconductor’s data sheet of PC 16550 UART.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com