Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3232 Datasheet(PDF) 5 Page - Vishay Telefunken

Part # TOIM3232
Description  High-Performance gate array package using dual metal layer CMOS technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

TOIM3232 Datasheet(HTML) 5 Page - Vishay Telefunken

  TOIM3232 Datasheet HTML 1Page - Vishay Telefunken TOIM3232 Datasheet HTML 2Page - Vishay Telefunken TOIM3232 Datasheet HTML 3Page - Vishay Telefunken TOIM3232 Datasheet HTML 4Page - Vishay Telefunken TOIM3232 Datasheet HTML 5Page - Vishay Telefunken TOIM3232 Datasheet HTML 6Page - Vishay Telefunken TOIM3232 Datasheet HTML 7Page - Vishay Telefunken TOIM3232 Datasheet HTML 8Page - Vishay Telefunken TOIM3232 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TOIM3232
Vishay Telefunken
Not for new designs
Rev. A1.1, 02-Apr-01
5 (9)
www.vishay.com
Document Number 82521
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
– 0.5
+ 7
V
Input/ output voltage
all pins
– 0.5
VCC + 0.5
V
Output sinking current
all pins
Iout
8
mA
Junction temperature
Tj
125
°C
Ambient temperature (operating)
Tamb
0
70
°C
Storage temperature
Tstg
– 25
+ 85
°C
Soldering temperature
t = 20 s @ 215
°C
Tsld
215
230
°C
DC Characteristics
VCC = 5 V ± 10% **), operating temperature 0 X 70°C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Input HIGH voltage
VIH
2.2
V
Input LOW voltage
VIL
0.8
V
Schmitt trigger
Positive threshold
Negative threshold
VT+
VT–
1.1
1.4
V
V
Input leakage
no pull-up/ down
VIN = VDD or GND
IL
"1
"5
mA
Output HIGH voltage
IOH = –3.2 mA
VOH
2.4
V
Output LOW voltage
IOL = + 3.2 mA
VOL
0.4
V
Current consumption
Standby
Dynamic
Inputs grounded, no output load *)
VCC = 5 V, T = 25°C
ISB
IDD
2
1
mA
mA
*)
Oscillator inactivated.
**)
Operation at VCC = 3 V is also specified. For data compare TEMIC Matra MHS ULC technology data sheet.
Application
BR/D
RESET
TD_232
TD_IR
RD_IR
DTR
RS232 9 pin
connector
VCC
TxD
RxD
RTS
TxD
RxD
RD_232
VCC_SD
Level
converter
TOIM3232
TFDS4000
X2
X1
3.6864 MHz
100 k
2 x 22 pF
Figure 2. RS232 Port interface
(external infrared adapter)
Table 1. Recommended Application Circuit Components
Compo-
nent
Recom-
mended
Value
Vishay Part Number
C1
22 pF
VJ 1206 A 220 J XAMT
C2
22 pF
VJ 1206 A 220 J XAMT
R1
100 k
Ω
CRCW–1206–1003–F–RT1
Crystal 3.684 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com