Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858FDPCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9858FDPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858FDPCB Datasheet(HTML) 4 Page - Analog Devices

  AD9858FDPCB Datasheet HTML 1Page - Analog Devices AD9858FDPCB Datasheet HTML 2Page - Analog Devices AD9858FDPCB Datasheet HTML 3Page - Analog Devices AD9858FDPCB Datasheet HTML 4Page - Analog Devices AD9858FDPCB Datasheet HTML 5Page - Analog Devices AD9858FDPCB Datasheet HTML 6Page - Analog Devices AD9858FDPCB Datasheet HTML 7Page - Analog Devices AD9858FDPCB Datasheet HTML 8Page - Analog Devices AD9858FDPCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9858
Rev. A | Page 4 of 32
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
OUTPUT PHASE NOISE CHARACTERISTICS (@ 100 MHz IOUT
with 700 MHz REFCLK)
@ 100 Hz Offset
Full
V
–125
dBc/Hz
@ 1 kHz Offset
Full
V
–140
dBc/Hz
@ 10 kHz Offset
Full
V
–148
dBc/Hz
@ 100 kHz Offset
Full
V
–150
dBc/Hz
@ 1 MHz Offset
Full
V
–150
dBc/Hz
@ 10 MHz Offset
Full
V
–150
dBc/Hz
PHASE DETECTOR AND CHARGE PUMP
Phase Detector Frequency
Full
VI
150
MHz
Phase Detector Frequency (Divide-by-4 Enabled)4
Full
VI
400
MHz
Charge Pump Sink and Source Current5
Full
VI
4
mA
Fast Lock Current (Acquisition Only)
Full
VI
7
mA
Open-Loop Current (Acquisition Only)
Full
VI
30
mA
Sink and Source Current Absolute Accuracy6
Full
V
2.5
%
Sink and Source Current Matching6
Full
V
1
%
Input Sensitivity PDIN and DIVIN (50 Ω)7
Full
IV
–15
0
dBm
Input Impedence PDIN and DIVIN (Single-Ended)
Full
V
1
kΩ
Phase Noise @ 100 MHz Input Frequency
@ 10 kHz Offset
Full
V
110
dBc/Hz
@ 100 kHz Offset
Full
V
140
dBc/Hz
@ 1 MHz Offset
Full
V
148
dBc/Hz
Charge Pump Output Range8
Full
V
CPVDD
V
MIXER
IFOUT9
Full
V
400
MHz
FRF
Full
VI
2
GHz
FLO
Full
VI
2
GHz
Conversion Gain
Full
VI
0.0
3.5
dB
LO Level
Full
VI
–10
+5
dBm
RF Level
Full
VI
–20
dBm
Input IP3
Full
VI
5
9
dBm
1 dB Input Compression Power10
Full
VI
–3
dBm
Input Impedance (Single-Ended)
LO
Full
V
1
kΩ
RF
Full
V
1
kΩ
LOGIC INPUTS
Logic 1 Voltage
Full
VI
2.0
V
Logic 0 Voltage
Full
VI
0.8
V
Logic 1 Current
Full
VI
12
µA
Logic 0 Current
Full
VI
12
µA
Input Capacitance
Full
V
3
pF
POWER SUPPLY
PDISS (Worst-Case Conditions—Everything on
PFD Input Frequency 150 MHz)
Full
VI
2
2.5
W
PDISS (DAC and DDS Core Only Worst-Case)
Full
VI
1.7
2
W
PDISS (Power-Down Mode)
Full
VI
65
100
mW
PDISS Mixer Only
Full
VI
60
75
mW
PDISS PFD and CP (@ 100 MHz) Only
Full
VI
350
435
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com