Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858FDPCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9858FDPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858FDPCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9858FDPCB Datasheet HTML 16Page - Analog Devices AD9858FDPCB Datasheet HTML 17Page - Analog Devices AD9858FDPCB Datasheet HTML 18Page - Analog Devices AD9858FDPCB Datasheet HTML 19Page - Analog Devices AD9858FDPCB Datasheet HTML 20Page - Analog Devices AD9858FDPCB Datasheet HTML 21Page - Analog Devices AD9858FDPCB Datasheet HTML 22Page - Analog Devices AD9858FDPCB Datasheet HTML 23Page - Analog Devices AD9858FDPCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9858
Rev. A | Page 20 of 32
SYSCLK serves as the sample clock for the DAC and is fed to a
divide-by-8 frequency divider to produce SYNCLK. SYNCLK is
provided to the user on the SYNCLK pin. This enables
synchronization of external hardware with the AD9858’s
internal DDS clock. External hardware that is synchronized to
the SYNCLK signal can then be used to provide the frequency
update (FUD) signal to the AD9858. The FUD signal and
SYNCLK are used to transfer the internal buffer register
contents into the memory registers of the device. Figure 33
shows a block diagram of the synchronization methodology,
and Figure 34 shows an I/O synchronization timing diagram.
Note that SYNCLK is also used to synchronize the assertion of
the profile select pins (PS0, PS1). The FUD, PS0, and PS1 pins
must be set up and held around the rising edge of SYNCLK.
These device inputs are designed for zero hold time and 3.5 ns
setup time.
REGISTER
MEMORY
EDGE
DETECTION
LOGIC
REFCLK
P0, P1
FUD
SYNCLK
0
2 GHz DIVIDER
DISABLE
SYNCLK
DISABLE
TO CORE LOGIC
BUFFER
MEMORY
÷ 2
D
Q
WR
ADDR
DATA
SYNCLK
D
Q
÷ 8
Figure 33. I/O Synchronization Block Diagram
SYNCLK
SYSCLK
FUD REGISTERED
FUD EDGE DETECTED
FUD REGISTERED
FUD EDGE DETECTED
VALUE 2
VALUE 1
IO BUFFER
MEMORY
CONTROL
REGISTER
DATA
VALUE 0
VALUE 1
VALUE 2
(ASYNCHRONOUSLY LOADED VIA I/O PORT)
FUD
*
*FUD IS AN INPUT PROVIDED BY THE USER THAT MUST BE SET UP AND HELD AROUND RISING EDGES OF SYNCLK. THE OCCURRENCE OF
THE RISING EDGE OF SYNCLK DURING THE HIGH STATE OF THE UPDATEREGS SIGNAL CAUSES THE BUFFER MEMORY CONTENTS TO BE
TRANSFERRED INTO THE CONTROL REGISTERS. SIMILARLY, A STATE CHANGE ON THE PS0 OR PS1 PINS IS EQUIVALENT TO ASSERTING A VALID
FUD SEQUENCE. NOTE: I/O UPDATES ARE SYNCHRONOUS TO THE SYNCLK SIGNAL, REGARDLESS OF THE SYNCHRONIZATION MODE SELECTED.
(ASYNCHRONOUSLY LOADED VIA I/O PORT)
Figure 34. I/O Synchronization Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com