Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858FDPCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9858FDPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858FDPCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9858FDPCB Datasheet HTML 22Page - Analog Devices AD9858FDPCB Datasheet HTML 23Page - Analog Devices AD9858FDPCB Datasheet HTML 24Page - Analog Devices AD9858FDPCB Datasheet HTML 25Page - Analog Devices AD9858FDPCB Datasheet HTML 26Page - Analog Devices AD9858FDPCB Datasheet HTML 27Page - Analog Devices AD9858FDPCB Datasheet HTML 28Page - Analog Devices AD9858FDPCB Datasheet HTML 29Page - Analog Devices AD9858FDPCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9858
Rev. A | Page 26 of 32
CFR<19>: Clear Phase Accumulator Bit
When CFR<19> = 1, the phase accumulator is synchronously
cleared and is held clear until CFR<19> is returned to a Logic 0
state (default).
CFR<18>: Not Used.
CFR<17>: PLL Fast-Lock Enable Bit
When CFR<17> = 0 (default), the PLL’s fast-lock algorithm is
disabled.
When CFR<17> = 1, the PLL’s fast-lock algorithm is active.
CFR<16>
This bit allows the user to control whether or not the PLL’s fast-
locking algorithm uses the tuning word value to determine
whether or not to enter fast-locking mode.
When CFR<16> = 0 (default), the PLL’s fast-locking algorithm
considers the relationship between the programmed frequency
tuning word and the instantaneous frequency as part of the
locking process.
When CFR<16> = 1, the PLL’s fast-locking algorithm does not
use the frequency tuning word as part of the locking process.
CFR<15>: Frequency Sweep Enable Bit
When CFR<15> = 0 (default), the device is in the single-
tone mode.
When CFR<15> = 1, the device is in the frequency-
sweep mode.
CFR<14>: Sine/Cosine Select Bit
When CFR<14> = 0 (default), the angle-to-amplitude
conversion logic employs a cosine function.
When CFR<14> = 1, the angle-to-amplitude conversion logic
employs a sine function.
CFR<13>: Charge Pump Current Offset Bit
When CFR<13> = 0 (default), the charge pump operates with
normal current settings.
When CFR<13> = 1, the charge pump operates with offset
current settings (see charge pump description).
CFR<12:11>: Phase Detector Reference
Input Frequency Divider Ratio
These bits set the phase detector divide value per Table 10.
Table 10.
CFR<12:11>
Phase Detector
Divider Ratio (N)
Notes
00b
1
Default Value
01b
2
1xb
4
LSB Ignored
CFR<10>: Charge Pump Polarity Select Bit
When CFR<10> = 0 (default), the charge pump is set up for
operation with a ground-referenced VCO. In this mode, the
charge pump sources current when the frequency at PDIN is less
than the frequency at DIVIN. It sinks current when the opposite
is true.
When CFR<10> = 1, the charge pump is set up for a supply-
referenced VCO. In this mode, the charge pump’s source/sink
operation is opposite that for a ground-referenced VCO.
CFR<9:8>: Phase Detector Feedback
Input Frequency Divider Ratio
These bits set the phase detector divide value per Table 11.
Table 11.
CFR<9:8>
Phase Detector Divider
Ratio (M)
Notes
00b
1
Default value
01b
2
1xb
4
LSB ignored
CFR<7>: Not Used
CFR<6>: Disable Bit for the 2 GHz REFCLK Divider
When CFR<6> = 0 (default), the REFCLK divide-by-2 function
is not bypassed. REFCLK input can be up to 2 GHz.
When CFR<6> = 1, the REFCLK divide-by-2 function is
disabled. REFCLK input must be no more than 1 GHz.
CFR<5>: SYNCLK Disable Bit
When CFR<5> = 0 (default), the SYNCLK pin is active.
When CFR<5> = 1, the SYNCLK pin assumes a static Logic 0
state (disabled). In this state, the pin drive logic is shut down to
keep noise generated by the digital circuitry at a minimum.
However, the synchronization circuitry remains active
(internally) to maintain normal device timing.
CFR<4:2>: Power-Down Bits
Active high (Logic 1) powers down the respective function.
Writing a Logic 1 to all three bits causes the device to enter full-
sleep mode.
CFR<4> is used to shut down the analog mixer stage
(default = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com