Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858FDPCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9858FDPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858FDPCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9858FDPCB Datasheet HTML 24Page - Analog Devices AD9858FDPCB Datasheet HTML 25Page - Analog Devices AD9858FDPCB Datasheet HTML 26Page - Analog Devices AD9858FDPCB Datasheet HTML 27Page - Analog Devices AD9858FDPCB Datasheet HTML 28Page - Analog Devices AD9858FDPCB Datasheet HTML 29Page - Analog Devices AD9858FDPCB Datasheet HTML 30Page - Analog Devices AD9858FDPCB Datasheet HTML 31Page - Analog Devices AD9858FDPCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9858
Rev. A | Page 29 of 32
AD9858 APPLICATION SUGGESTIONS
DAC
FILTER
PHASE/
FREQUENCY
DETECTOR
150MHz
DIVIDER
1/2/4
DIVIDER
1/2
ANALOG
MIXER
CHARGE PUMP
0.5mA–2mA
(0.5mA STEPS)
PLL
LOOP
FILTER
FIXED
LOOP
(LO1)
DDS
1000MSPS
FREQUENCY
TUNING WORD
DC–400MHz
2GHz
2GHz ±150MHz
AD9858
2GHz
DDS/DAC
CLOCK 1000MHz
FREF
DC–150MHz
10
32
FILTER
VCO
Figure 37. DDS Synthesizer Translation Loop Oscillator (Implemented in Translation Loop Evaluation Board)
DAC
FILTER
PHASE/
FREQUENCY
DETECTOR
150MHz
DIVIDER
1/2/4
CHARGE PUMP
0.5mA–2mA
(0.5mA STEPS)
LOOP
FILTER
DDS
1000MSPS
FREQUENCY
TUNING WORD
DC–400MHz
VCO
DDS/DAC CLOCK
AD9858
F = MxFREF
FREF
DC–150MHz
10
32
DIVIDER
Figure 38. DDS Synthesizer Single-Loop PLL Up-Conversion
DAC
FILTER
PHASE/
FREQUENCY
DETECTOR
150MHz
DDS
1000MSPS
DIVIDER
1/2/4
DIVIDER
1/2
CHARGE PUMP
0.5mA–2mA
(0.5mA STEPS)
LOOP
FILTER
150MHz
REFERENCE
FREQUENCY
TUNING WORD
150MHz
1000
MHz
VCO
2GHz MAX
AD9858
32
Figure 39. DDS Synthesizer AD9858 as Fractional N Synthesizer (Implemented in Fractional Divide Evaluation Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com