Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2-RTMI Datasheet(PDF) 39 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # USB-2-RTMI
Description  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI Datasheet(HTML) 39 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 35Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
39 / 157
4.7.8 Analog Hall and Analog Encoder Interface (SinCos of 0° 90° or 0° 120° 240°)
An analog encoder interface is part of the decoder engine. It is able to handle analog position signals of 0°
and 90° and of 0° 120° 240°. The analog decoder engine adds offsets and scales the raw analog encoder
signals, while also calculating the electrical angle PHI_E from these analog position signals by an ATAN2
algorithm.
SIN/COS Hall
Track SIN
Track COS
3-phase Analog Hall
Track 0°
Track 120°
Track 240°
SIN/COS with 10 PPR
Track SIN
Track COS
Figure 20: Analog Encoder (AENC) signal waveforms
An individual signed offset is added to each associated raw ADC channel and scaled by its associated
scaling factors according to
AENC_VALUE = (AENC_RAW + AENC_OFFSET) · AENC_SCALE
(19)
In addition, the AENC_OFFSET is for conversion of unsigned ADC values into signed ADC values as required
for the FOC.
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com