Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2-RTMI Datasheet(PDF) 44 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # USB-2-RTMI
Description  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI Datasheet(HTML) 44 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 47Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 48Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
44 / 157
4.8.3 PI Controller Calculations - Advanced Structure
The PI controllers in the advanced controller structure perform the calculation
dXdT = P · e +
t
0
P
· I · e(t) dt
(22)
with
e = X_TARGET − X
(23)
where X_TARGET represents target
ux, target torque, target velocity, or target position with control error e,
which is the difference between target value and actual values. The time constant dt is set according to the
PWM period but can be downsampled for the velocity and position controller by register MODE_PID_SMPL.
Velocity and position controller evaluation can be down-sampled by a constant factor when needed.
Figure 24: Advanced PI Controller
Info
The PI velocity controller will be given a derivative part (so it will be a PID controller)
in a future version of the chip. Also, the normalization of the PI parameters might
be changed due to low performance at high PWM frequencies. This will need
changes in the user’s application controller software.
Info
The P Factor in the advanced position controller is not properly scaled. Due
to the high gain in velocity control loop, the position controller gain should be
respectively low. The P Factor normalization of Q8.8 does not match these needs.
This will be changed in a future version of the chip to a different Q format.
This change will need changes in the user’s application controller software. We
recommend to use the classical PI control structure if performance is not su
cient.
4.8.4 PI Controller - Clipping
The limiting of target values for PI controllers and output values of PI controllers is programmable. Per
power on default these limits are set to maximum values. During initialization, these limits should be set
properly for correct operation and clipping.
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com