Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2-RTMI Datasheet(PDF) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # USB-2-RTMI
Description  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI Datasheet(HTML) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
21 / 157
Hexadecimal Value
u16
s16
q8.8
q4.12
0x5A81
h
23169
23169
23169 / 256
23169 / 4096
0x7FFF
h
32767
32767
32767 / 256
32767 / 4096
0x8000
h
32768
-32768
-32768 / 256
-32768 / 4096
0x8001
h
32769
-32767
-32767 / 256
-32767 / 4096
0x8002
h
32770
-32766
-32766 / 256
-32766 / 4096
0xC001
h
49153
-16383
-16383 / 256
-16383 / 4096
0xFFFE
h
65534
-2
-2 / 256
-2 / 4096
0xFFFF
h
65535
-1
-1 / 256
-1 / 4096
Table 5: Examples of u16, s16, q8.8, q4.12
The q8.8 and q4.12 are used for P and I parameters which are positive numbers. Note that q8.8 and q4.12
are used as signed numbers. This is because theses values are multiplied with signed error values resp.
error integral values.
4.3.2 N_POLE_PAIRS, PHI_E, PHI_M
The parameter N_POLE_PAIRS de nes the factor between electrical angle PHI_E and mechanical angle
PHI_M of a motor (pls. refer
gure 12).
A motor with one (1) pole pair turns once for each electrical period. A motor with two (2) pole pairs turns
once for every two electrical periods. A motor with three (3) pole pairs turns once for every three electrical
periods. A motor with four pole (4) pairs turns once for every four electrical periods.
The electrical angle PHI_E is relevant for the commutation of the motor. It is relevant for the torque control
of the inner FOC loop.
PHI_E = PHI_M · N_POLE_PAIRS
(3)
The mechanical angle PHI_M is primarily relevant for velocity control and for positioning. This is because
one wants to control the motor speed in terms of mechanical turns and not in terms of electrical turns.
PHI_M = PHI_E/N_POLE_PAIRS
(4)
Different encoders give different kinds of position angles. Digital Hall sensors normally give the electrical
position PHI_E that can be used for commutation. Analog encoders give - depending on their resolu-
tion - angles that have to be scaled
rst to mechanical angles PHI_M and to electrical angles PHI_E for
commutation.
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com