Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2-RTMI Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # USB-2-RTMI
Description  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
7 / 157
– Immediate SPI read response (register read access by single datagram)
– SPI clock frequency up to 1MHz (8MHz in future version)
•
TRINAMIC RealTime Monitoring Interface
– High frequency sampling of real-time data via TRINAMIC’s real-time monitoring system
– Only single 10-pin high density connector on PCB needed
– Advanced controller tuning support by frequency response identi cation and advanced auto
tuning options with TRINAMIC’s IDE
•
UART Debug Interface
– Three pin (GND, RxD, TxD) 3.3 V UART interface (1N8; 9600 (default), 115200, 921600, or 3M bps)
– Transparent register access parallel to embedded user application interface (SPI)
•
Supply Voltages
– 5V and 3.3V; VCC_CORE is internally generated
•
IO Voltage
– 3.3V for all digital IOs (choosable by VCCIO Supply), 5V input range for differential analog inputs,
1.25V input range for single ended inputs
•
Clock Frequency
– 25 MHz (external oscillator needed)
•
Packages
– QFN76
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com