Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100034 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  100034 Datasheet HTML 1Page - PHOENIX CONTACT 100034 Datasheet HTML 2Page - PHOENIX CONTACT 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
4
Structure
Figure 1
Operating elements
1
AC input
85...264 V AC input voltage,
45...65 Hz frequency
2
DC output
24 V DC output voltage (default),
can be set between 22.5 and 28.5 V DC
3
DC OK output active
4
DC OK output floating
5
Potentiometer (covered) 22.5...28.5 V DC
6
DC OK LED
7
Universal DIN rail adapter UTA 107
Block Diagram
Figure 2
Block diagram
Conformance With EMC Directive 89/336/EEC and Low Voltage Directive 73/23/EEC
Noise Immunity Test According to EN 61000-6-21
Electrostatic discharge (ESD)
EN 61000-4-2
Criterion B2
Housing
Air discharge
Contact discharge
Level 4
15 kV
8 kV
Electromagnetic HF field
EN 61000-4-3
Criterion A3
Housing
Frequency range
Field strength
Level 3
80...1000 MHz/1.4...2.0 GHz
10 V/m
Fast transients (burst)
EN 61000-4-4
Criterion B2
Input
Output
Signal
4 kV (Inst. Class 4, asymmetrical: Cable to ground)
2 kV (Inst. Class 4, symmetrical: Cable to cable)
0.5 kV (Level 1, asymmetrical: Cable to ground)
0.5 kV (Level 1, symmetrical: Cable to cable)
1 kV (Level 1, asymmetrical: Cable to ground)
Surge current load (surge)
EN 61000-4-5
Criterion B2
Input
Output
Signal
4 kV (Level 4, asymmetrical)
2 kV (Level 3, asymmetrical)
1 kV (Level 2, asymmetrical)
Conducted interference
EN 61000-4-6
Criterion A3
Input/output/signal
Frequency range
Voltage
Level 3, asymmetrical
0.15...80 MHz
10 V
Voltage dips
EN 61000-4-11
Criterion B
Input Mains buffering > 20 ms
Noise Emission Test According to EN 61000-6-3
Noise emission of housing
EN 55011
(EN 55022)4
Class B
Industrial and domestic applications
1
EN 61000 corresponds to IEC 61000
2
Criterion B:
Temporary adverse effects on the operating behavior, which the device corrects automatically.
3
Criterion A:
Normal operating behavior within the specified limits.
4
EN 55011 corresponds to CISPR11/EN 55022 corresponds to CISPR22
DC
DC
OK
OK
13
13
Ou
tpu
t D
C
24V
20A
Output
DC
24V
20A
DC
OK
Ad
ju
st
Adjust
22,5-28,5V
Inp
ut 3
AC
40
0-5
00
V
Input
3 A
C
400-500V
L1
L2
L3
L1
L2
L3
14
14
1
5
6
7
DC
DC
OK
OK
13
Output
DC
24V
20A
14
2
3
4
L2
PE
13
14
DC OK
L1 (+)
L3 (-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com