Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100034 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT 100034 Datasheet HTML 10Page - PHOENIX CONTACT 100034 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
11
Temperature Response
Figure 14
Temperature response
At an ambient operating temperature of up to +40°C, the
device continuously supplies the IBOOST output current.
The device can supply a nominal output current of IN up to
an ambient operating temperature of +60°C. The output
power must be decreased by 2.5% per Kelvin temperature
increase for ambient operating temperatures over +60°C.
At ambient operating temperatures above +70°C or in the
event of a thermal overload, the device does not switch off.
The output power is decreased to such an extent that
device protection is provided. Once the device has cooled
down, the output power is increased again.
Parallel Operation
Devices of the same type can be connected in parallel to
increase both redundancy and power. The default setting
does not have to be adjusted.
If the output voltage is adjusted, an even current distribution
can be ensured by precisely setting all power supply units
that are operated in parallel to the same output voltage.
To ensure symmetrical current distribution we recommend
that all cable connections from the power supply unit to the
DIN rail are the same length and have the same cross
section.
Redundancy Operation
Figure 15
Redundancy operation
Redundant circuits are suitable for supplying systems,
which place particularly high demands on operational
safety.
If a fault occurs in the primary circuit of the first power
supply unit, the second device automatically takes over the
entire power supply, without interruption, and vice versa.
For this purpose, the power supply units to be connected in
parallel must be large enough that the total current
requirements of all loads can be fully met by one power
supply unit.
Increasing Power
Figure 16
Increasing power
The output current can be increased to n x IN where n is the
number of devices connected in parallel.
Parallel connection for increasing power is used when
extending existing systems. A parallel connection is
recommended if the power supply unit does not cover the
current consumption of the most powerful load.
Otherwise, the loads should be divided over independent
individual devices.
© PHOENIX CONTACT 12/2005
A maximum of five devices can be connected
in parallel.
Depending on the system, for parallel
connection of more than two power supply
units a protective circuit should be installed at
each individual device output (e.g., decoupling
diode or DC fuse). This prevents high return
currents in the event of a secondary device
fault.
0
0
40
60
20
IBOOST
I
N
Ambient operating temperature [°C]
External decoupling diodes are required for
100% redundancy
(QUINT-DIODE/40, Order No. 29 38 96 3).
A maximum of five devices can be connected
in parallel.
I
N
+
+
++
-
--
-
Σ = I
N
I
N
I
N
+
+
++
-
--
-
Σ = 2 * I
N
I
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com