Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100034 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  100034 Datasheet HTML 1Page - PHOENIX CONTACT 100034 Datasheet HTML 2Page - PHOENIX CONTACT 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
2
Ordering Data
Technical Data
Product
Description
Type
Order No.
Pcs./Pkt.
3-phase primary-switched power supply unit
QUINT-PS-3x400-500AC/24DC/20
29 38 72 7
1
Input Data
Nominal input voltage range
3 x 400...500 V AC
Input voltage range
320...575 V AC (for all three phases), 450...800 V DC
Frequency range
45...65 Hz (0 Hz at DC input)
Current consumption
1.4 A (for all three phases at 400 V AC (nominal load)), approximately
1.1 A (for all three phases at 480 V AC (nominal load)), approximately
Inrush current surge
< 15 A (typical), inrush current limiting/
Ι2t (25°C): < 1 A²s
Mains buffering (for nominal load)
> 23 ms (at 3 x 400 V AC), > 25 ms (at 3 x 480 V AC)
Typical switch-on time
< 1 s
Protective circuit
Transient surge protection varistor
Input fuse
External via 3 circuit breakers 6 A, 10 A or 16 A, Characteristic B
Recommended backup fuse
3 x circuit breaker 6 A, 10 A or 16 A, Characteristic B
Discharge current to PE
< 3.5 mA
Connection method
Screw connection
Stripping length
8 mm
Output Data
Nominal output voltage
24 V DC ±1%
Setting range for the output voltage
22.5...28.5 V DC
Output current
20 A (-25...+60°C)
27 A (with POWER BOOST, -25...+40°C)
Derating
Above +60°C: 2.5% per Kelvin
Current limit
IBOOST = 27 A (for short circuit), approximately
System deviation
< 1% (static load change 10...90%)
< 2% (dynamic load change 10...90%)
< 0.1% (input voltage change ±10%)
Power dissipation
Maximum nominal load
Maximum no load
47 W
7 W
Efficiency
> 91% for 230 V AC and nominal values
Rise time
< 2 ms (UOUT (10...90%))
Residual ripple/switching peaks (20 MHz)
< 100 mVpp (for nominal values)
Parallel connection
Yes, to create redundant systems and increase efficiency
Connection method
Screw connection
Stripping length
10 mm
DC OK Signal Output, Active
Type of output
Transistor output, Uout > 0.9 x UN: High signal
Continuous current
40 mA, maximum
Output voltage
+24 V DC (signal)
DC OK Signal Output, Floating
Type of output
Relay contact, Uout > 0.9 x UN: Contact closed
Continuous current
1 A, maximum
Maximum switching voltage
30 V AC/DC, maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com