Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100034 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  100034 Datasheet HTML 1Page - PHOENIX CONTACT 100034 Datasheet HTML 2Page - PHOENIX CONTACT 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© PHOENIX CONTACT - 12/2005
Data Sheet
INTERFACE
100034_04_en
1
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49 - 52 35 - 30 0 • Fax: +49 - 52 35 - 34 12 00 • www.phoenixcontact.com
www.phoenixcontact.com/salesnetwork
QUINT-PS-3x400-500AC/24DC/20
Description
QUINT POWER devices are 60...960 W DC power supply
units for universal use. This is ensured by the wide-range
input, single and three-phase versions, and an international
approval package.
QUINT POWER stands for guaranteed supply: powerful
capacitors ensure mains buffering of more than 20 ms at full
load.
All three-phase devices provide the full output power, even
in the event of a continuous phase failure.
The POWER BOOST power reserve starts loads with high
inrush currents and ensures that fuses are reliably tripped.
Preventive function monitoring diagnoses impermissible
operating states and minimizes downtimes in your system.
An active transistor output and a floating relay contact are
used for remote monitoring.
All QUINT POWER devices are idling-proof and short-
circuit proof, and are available with a regulated and
adjustable output voltage of 12, 24, and 48 V DC with output
currents of 2.5, 5, 10, 20, 30, and 40 A.
Power supply units for use in Ex Zone 2, uninterruptible
solutions, AS-i power supply units, and a QUINT diode
complete the product range.
QUINT POWER is a built-in device. Installation
and startup must only be carried out by
qualified personnel. The relevant country-
specific regulations (e.g., VDE, DIN) must also
be observed.
Danger
The device contains dangerous live elements and high levels of stored energy.
Never carry out work when the power is turned on.
Risk of burns
The housing temperature can reach high values depending on the ambient temperature and the load of the
device.
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
3-Phase Primary-Switched Power Supply Unit


Similar Part No. - 100034

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000340001 WEIDMULLER-1000340001 Datasheet
76Kb / 3P
BLF 5.08/07/90F SN BK BX
logo
Turck, Inc.
100034036 TURCK-100034036 Datasheet
114Kb / 5P
Pressure Transmitter – IO-Link with Two Switching Outputs
11/08/2023
100034037 TURCK-100034037 Datasheet
114Kb / 5P
Pressure Transmitter – IO-Link with Two Switching Outputs
11/08/2023
100034145 TURCK-100034145 Datasheet
113Kb / 5P
Pressure Transmitter – IO-Link with Two Switching Outputs
11/08/2023
100034146 TURCK-100034146 Datasheet
113Kb / 5P
Pressure Transmitter – IO-Link with Two Switching Outputs
11/08/2023
More results

Similar Description - 100034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
100033 PHOENIX-100033 Datasheet
717Kb / 11P
QUINT-PS-3x400-500AC/24DC/10
100036 PHOENIX-100036 Datasheet
817Kb / 11P
QUINT-PS-3x400-500AC/24DC/40
2320568 PHOENIX-2320568 Datasheet
562Kb / 21P
QUINT-PS/24DC/24DC/20/CO
2938219 PHOENIX-2938219 Datasheet
323Kb / 10P
QUINT-PS-3x400-500AC/48DC/10
2938222 PHOENIX-2938222 Datasheet
82Kb / 6P
Power supply unit - QUINT-PS-3X400-500AC/48DC/20
2938594 PHOENIX-2938594 Datasheet
150Kb / 7P
QUINT-PS-3X400-500AC/24DC/ 5
2938633 PHOENIX-2938633 Datasheet
767Kb / 11P
QUINT-PS-3x400-500AC/24DC/30
2938617 PHOENIX-2938617 Datasheet
92Kb / 7P
Power supply unit - QUINT-PS-3X400-500AC/24DC/10
11/05/2018
2938646 PHOENIX-2938646 Datasheet
92Kb / 7P
Power supply unit - QUINT-PS-3X400-500AC/24DC/40
11/05/2018
2938727 PHOENIX-2938727 Datasheet
92Kb / 7P
Power supply unit - QUINT-PS-3X400-500AC/24DC/20
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com