Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS6264LLPI Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # WS6264LLPI
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLPI Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button WS6264LLPI Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 10Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 11Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 12Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev. 1.0
12
NOTES:
1. TAS is measured from the address valid to the beginning of write.
2. The internal write time of the memory is defined by the overlap of /CE1 and CE2 active and /WE
low. All signals must be active to initiate a write and any one signal can terminate a write by going
inactive. The data input setup and hold timing should be referenced to the second transition edge
of the signal that terminates the write.
3. TWR is measured from the earlier of /CE1 or /WE going high or CE2 going low at the end of write
cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase to
the outputs must not be applied.
5. If the /CE1 low transition or CE2 high transition occurs simultaneously with the /WE low
transitions or after the /WE transition, output remain in a high impedance state.
6. /OE is continuously low (/OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If /CE1 is low and CE2 is high during this period, DQ pins are in the output state. Then the data
input signals of opposite phase to the outputs must not be applied to them.
10. Transition is measured ±500mV from steady state with CL = 5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of /CE1 going low or CE2 going high to the end of write.
ORDER INFORMATION
WS6264L
Package:
FP: 28L SOP-330mil
P: 28L PDIP-600mil
Speed:
Temperature:
I: -40~85°C
Blank: 0~70°C
L X
XX
70: 70ns
XX
Package Material:
R: Lead and Halogen Free
-: Normal
Normal-
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264
LL: Low Low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com