Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS6264LLPI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # WS6264LLPI
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLPI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button WS6264LLPI Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 10Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 11Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 12Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev. 1.0
13
PACKAGE DIMENSIONS
28 pin SOP (330 mil) :
UNIT
SYMBOL
mm
Min.
Nom.
Max.
A
2.540
inch
Min.
Nom.
Max.
2.692
2.844
0.100
0.106
0.112
0.102
0.226
0.350
0.004
0.009
0.014
2.362
2.489
2.616
0.093
0.098
0.103
0.35
_
0.50
0.014
_
0.020
0.35
_
0.45
0.014
_
0.018
0.20
_
0.32
0.008
_
0.012
0.20
_
0.28
0.008
_
0.011
17.983
18.110
18.237
0.708
0.713
0.718
8.280
8.407
8.534
0.326
0.331
0.336
11.506
11.811
12.116
0.453
0.465
0.477
1.118
1.270
1.422
0.044
0.050
0.056
0.700
0.964
1.228
0.0276
0.0380
0.0484
1.520
1.720
1.920
0.0598
0.0677
0.0756
_
_
0.1
_
_
0.004
0°
_
10°
0°
_
10°
A1
A2
b
b1
c
c1
D
E
E1
e
L
L1
y
28 pin PDIP (600mil):
0.590
A1
UNIT
_
Max.
Nom.
Min.
Max.
Nom.
Min.
inch
mm
_
0.010
_
_
0.254
SYMBOL
D
c
B1
B
A2
0.070
0.050
0.060
1.778
1.524
1.270
0.023
0.155
0.013
0.018
0.584
0.457
0.330
3.937
0.145
0.150
3.810
3.683
1.465
0.014
0.356
0.006
0.010
0.152
0.254
37.211
1.455
1.460
37.084
36.957
0.090
0.070
0.080
2.286
1.778
2.032
L
eB
e
E1
E
0.548
0.610
0.540
0.544
13.920
13.818
13.716
15.494
0.600
14.986
15.240
0.140
0.660
16.764
0.620
0.640
15.748
16.256
3.556
0.120
0.130
3.048
3.302
Q1
S
9°
0.075
0.065
0.070
1.905
1.778
1.651
9°
6°
3°
6°
3°
2.540
(TYP)
0.100
(TYP)
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com