Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS6264LLPI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WS6264LLPI
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLPI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WS6264LLPI Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 10Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 1.0
7
LOW Vcc DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
Data Retention Mode
CE2
V
tCDR
tR
IL
VIL
DR
V > 2.0V
VCC
CE2
< 0.2v
AC TEST CONDITIONS
KEY TO SWITCHING WAVEFORMS
Input Pulse Levels
Vcc/0V
WAVEFORMS
INPUTS
OUTPUTS
Input Rise and Fall Times
5ns
MUST BE STEADY MUST BE STEADY
Input and Output Timing
Reference Level
0.5Vcc
Output Load
See FIGURE 1A
and 1B
MAY CHANGE
FROM H TO L
WILL BE CHANGE FROM H
TO L
MAY CHANGE
FROM L TO H
WILL BE CHANGE FROM L
TO H
DON’T CARE ANY
CHANGE
PERMITTED
CHANGE STATE
UNKNOWN
DOES NOT APPLY
CENTER LINE IS HIGH
IMPEDANCE OFF STATE
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com