Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS6264LLPI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS6264LLPI
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLPI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WS6264LLPI Datasheet HTML 2Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264LLPI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev. 1.0
6
DATA RETENTION CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V) )
Name
Parameter
Test Condition
MIN TYP(1) MAX
Unit
VDR
VCC for Data Retention
/CE1 ≧ VCC-0.2V, VIN ≧
VCC-0.2V or VIN≦0.2V
2.0
V
ICCDR
Data Retention Current
/CE1≧VCC-0.2V, VIN≧
VCC-0.2V or VIN≦0.2V
0.5
5
uA
TCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
Refer to
Retention Waveform
tRC (2)
ns
1.TA = 25
oC
2. tRC= .Read Cycle Time
LOW Vcc DATA RETENTION WAVEFORM(1) ( /CE1 Controlled )
Data Retention Mode
CE1
V
tCDR
tR
IH
VIH
DR
V > 2.0V
VCC
CE1
>
- 0.2V
CC
V
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com