Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DXC3 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DXC3
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC3 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DXC3 Datasheet HTML 1Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 2Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 3Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 4Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 5Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 6Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 7Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 8Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
prel
imin
ary
prel
imin
ary
iC-DXC3
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 4/12
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no operating conditions!
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Supply Voltage
Referenced to lowest voltage of GND, OUT
36
V
Referenced to highest voltage of GND, OUT
-36
V
G002 OUT
OUT Voltage
Referenced to lowest voltage of VB, GND
36
V
Referenced to highest voltage of VB, GND
-36
V
G003 GND
GND Voltage
Referenced to lowest voltage of VB, OUT
36
V
Referenced to highest voltage of VB, OUT
-36
V
G004 V()
Voltage at MON, NIN, OE, CFO
-0,3
7
V
G005 Es()
Maximum Surge Energy as indication
for external protection design
Single pulse test between each pins of VB,
OUT or GND. Pulse magnitude less than 55 V,
duration less than 100 µs
6.5
mJ
G006 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G007 Tj
Junction Temperature
-40
150
°C
G008 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Operating Conditions: VB = 8..30 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range no thermal shutdown
-40
+150
°C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com