Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DXC3 Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-DXC3
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC3 Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-DXC3 Datasheet HTML 4Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 5Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 6Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 7Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 8Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 9Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 10Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 11Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
prel
imin
ary
prel
imin
ary
iC-DXC3
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 8/12
OPERATING MODES
The iC-DXC3 can be operated in high-side (PNP), low-
side (NPN) and push-pull (PP) switch mode. Figure 4
shows the high-side operation where NIN pin must be
kept low and the OE pin controls the switch. Figure 5
shows the low-side operation where NIN pin must be
kept high and the OE pin controls the switch. Figure 6
shows the push-pull operation where OE pin must be
kept high and the NIN pin controls the switch. If the
OUT signal differs from what declared in tables 4, 5
and 6 (due to external forcing) for more than 14 µs (cf.
Electrical Characteristics No. 510), this event will be
signalled by a low level at MON output.
R LOAD
100nF..
iC-DXC3
FILT
36V
Low Side Switch
36V
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
1μF
CVOUT
+
-
+
++
-
=1
OUT
3.3V
NIN
GND
VB
GND
VOUT
OE
..30V
VB
VRL
VRH
CFO
MON
CHEN
GND
VOUT
VOUT
OUT
=1
Figure 4: Configuration as High-Side (PNP-Switch)
Output Table. High-side mode (PNP-Switch)
OE NIN OUT CFO
Mode
L
L
Z (L)
H
High-Side, passive pull down
H
L
H
L
High-Side, active pull up
Table 4: Output Function table Fig. 4. High-side mode
(PNP-Switch) with external pull-down.
VREF
REG
&
<150 C
&
CVB
1μF
iC-DXC3
FILT
CVOUT
100nF..
R LOAD
36V
Low Side Switch
36V
High Side Switch
DIGITAL INPUT
+
-
=1
+
++
-
OUT
3.3V
NIN
GND
VB
GND
VOUT
OE
VRL
VRH
CFO
MON
CHEN
VOUT
..30V
VB
OUT
VOUT
=1
Figure 5: Configuration as Low-Side (NPN-Switch)
Output Table. Low-side mode (NPN-Switch)
OE NIN OUT CFO
Mode
L
H
Z (H)
L
Low-Side, passive pull up
H
H
L
H
Low-Side, active pull down
Table 5: Output Function table Fig. 5. Low-side mode
(NPN-Switch) with external pull-up.
1μF
iC-DXC3
FILT
CVOUT
100nF..
36V
Low Side Switch
36V
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
+
-
=1
+
++
-
OUT
3.3V
NIN
GND
VB
GND
VOUT
OE
..30V
VB
VRL
VRH
CFO
MON
CHEN
VOUT
VOUT
=1
Figure 6: Configuration as Pushpull
Output Table. Push-Pull mode
OE NIN OUT CFO
Mode
H
H
L
H
Push-Pull, active pull down
H
L
H
L
Push-Pull, active pull up
Table 6: Output Function table Fig. 6. Push-Pull mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com