Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DXC3 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-DXC3
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC3 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-DXC3 Datasheet HTML 4Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 5Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 6Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 7Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 8Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 9Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 10Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 11Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
prel
imin
ary
prel
imin
ary
iC-DXC3
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 10/12
TIMING DESCRIPTION
The iC-DXC3 has a built-in spurious pulse suppres-
sion that prevents short (undesired) pulses at the input
pins from reaching the output. Every pulse at OE or
NIN pins shorter than 1.6 µs (cf. Electrical Character-
istics No. 306) will be ignored and the output will not
react. The minimum required pulse length to be sure
that the output reacts is 4 µs (cf. Electrical Character-
istics No. 307). That means that every pulse longer
than 4 µs will be propagated to the output but with an
additional propagation delay of 1.2 µs maximum. The
resulting maximum propagation delay is 5.2 µs (cf. Elec-
trical Characteristics No. 305).
MON
CFO
tpcf
tdre
OUT
NIN
NEP
tpio
EN
ttrig()
short-circuit
Figure 8: Timing diagram in push-pull operation
mode with OE high
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
1μF
CVOUT
100nF..
iC-DXC3
FILT
NEP
EN
36V
Low Side Switch
36V
+
++
-
+
-
=1
OUT
3.3V
NIN
GND
VB
GND
VOUT
OE
..30V
VB
VRL
VRH
CFO
MON
=1
Figure 9: Block diagram with EN and NEP internal
signals
REVISION HISTORY
Rel.
Rel. Date∗
Chapter
Modification
Page
A1
2013-05-06
initial version
Rel.
Rel. Date∗
Chapter
Modification
Page
B1
2016-01-07 ELECTRICAL
CHARACTERISTICS
item 107: min. value extended from -47 V to -50 V
item 108: max. value extended from +47 V to +50 V
5
Rel.
Rel. Date∗
Chapter
Modification
Page
B2
2017-05-17 BLOCK DIAGRAM
new coloured block diagram on front page
1
OPERATING MODES
Erroneous description on page 8 ("In case of a short circuit at OUT and resulting temper-
ature shutdown, logic level of MON will be undefined.") removed, as MON output is not
affected by thermal shutdown.
8
ORDERING INFORMATION
Order designation corrected to "DFN8-3x3" (instead of "DFN8 3x3")
12
∗ Release Date format: YYYY-MM-DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com