Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DXC3 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-DXC3
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC3 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-DXC3 Datasheet HTML 1Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 2Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 3Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 4Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 5Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 6Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 7Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 8Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
prel
imin
ary
prel
imin
ary
iC-DXC3
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 5/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 8...30 V, Tj = -40...150 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 Vc()lo
Clamp Voltage lo at NIN, OE,
VOUT
I() = -1 mA
-1.4
V
002 VB
Permissible Supply Voltage
Referenced to GND
8
24
30
V
003 I(VB)
Supply Current in VB
no load,
NIN = hi, OE = lo
1.2
mA
NIN = hi, OE = hi
1.4
mA
NIN = lo, OE = hi
1.6
mA
004 V(VB)on
Turn-on threshold
increasing VB
6
8
V
005 Ilk(GND)rp Rev. Polarity Leakage Current
V(VB) = 0; V(OUT) = 0; V(GND)= 0...30 V
300
uA
006 Ilk(OUT)rp Rev. Polarity Leakage Current
V(VB)=0;V(GND)=0; V(OUT)= 0...30 V
300
uA
007 Ilk(VB)rp
Rev. Polarity Leakage Current
V(OUT) =0 ; GND open; ; V(VB)= 0...30 V
300
uA
Output characteristics
101 Vs(OUT)lo Saturation voltage Low-Side
driver
NIN = hi, OE = hi
I(OUT) = 100 mA
1.6
V
I(OUT) = 200 mA
2.2
V
102 Vs(OUT)hi Saturation voltage High-Side
driver
NIN = lo, OE = hi
I(OUT) = -100 mA
-1.6
V
I(OUT) = -200 mA
-2.2
V
103 Isc()lo
Short-Circuit Current lo in OUT
V(OUT) = 3...VB
200
450
mA
104 Isc()hi
Short-Circuit Current Hi in OUT
V() = 0...VB − 3 V
-450
-200
mA
105 llk()
Leakage Current at OUT
OUTPUT Disabled
V(OUT) = -6...0 V
-100
0
µA
V(OUT) = 0...VB
-40
40
µA
V(OUT) > VB...30 V
0
100
µA
106 SR()
Slew Rate (switch off → on,
switch on → off )
VB = 30 V, Cl = 2.2 nF, I(OUT) = 0
40
V/µs
107 Vfw(OUT)lo Freewheeling Voltage
I(OUT) = -1 mA, with reference to VB
-50
-36
V
108 Vfw(OUT)hi Freewheeling Voltage
I(OUT) = 1 mA, with reference to GND
36
50
V
Temperature Monitor
201 Toff
Over-temperature shutdown
increasing Tj
151
185
°C
202 Ton
Overtemperature release
decreasing Tj
150
180
ºC
203 Thys
Thermal Shutdown Hysteresis
5
ºC
Inputs OE, NIN
301 Vt()hi
Threshold Voltage hi at NIN, OE
2
V
302 Vt()lo
Threshold Voltage lo at NIN, OE
0.8
V
303 Vt()hys
Hysteresis at NIN, OE
Vt()hys = Vt()hi − Vt()lo
200
mV
304 Ipd()
Pull-Down Current at NIN, OE
V() > 0.6 V
2
150
µA
305 tpio
Propagation Delay
NIN, OE → OUT
2.1
6.5
µs
306 tsup()
Permissible Spurious Pulse
Width at NIN, OE
1.6
µs
307 ttrig()
Required Pulse Width at NIN, OE
4
µs
REG Series Regulator
401 V(VOUT)
Regulated output voltage
VB = 8...30 V, I(VOUT) = 10...0 mA
3
3.5
V
402 C(VOUT)
Capacitor at VOUT
I(VOUT) = 0
0
10
µF
I(VOUT) > 0
0.1
10
µF
403 Isc(VOUT) Short circuit current at VOUT
VOUT connected to GND
-125
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com