Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4313 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP4313 Datasheet HTML 1Page - Diodes Incorporated AP4313 Datasheet HTML 2Page - Diodes Incorporated AP4313 Datasheet HTML 3Page - Diodes Incorporated AP4313 Datasheet HTML 4Page - Diodes Incorporated AP4313 Datasheet HTML 5Page - Diodes Incorporated AP4313 Datasheet HTML 6Page - Diodes Incorporated AP4313 Datasheet HTML 7Page - Diodes Incorporated AP4313 Datasheet HTML 8Page - Diodes Incorporated AP4313 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP4313
Document number: DS37565 Rev.2 - 2
4 of 9
www.diodes.com
October 2014
© Diodes Incorporated
AP4313
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
20
V
VIN
Input Voltage
-0.3 to VCC
V
TJ
Junction Temperature
+150
oC
TSTG
Storage Temperature
-65 to +150
oC
TLEAD
Lead Temperature (Soldering, 5 sec)
+260
oC
θ
JC
Package Thermal Resistance (Junction to Case)
92
oC/W
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposur
e to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
2.5
18
V
TA
Operating Temperature Range
-40
+105
oC
Electrical Characteristics (V
CC=5V, TA=+25
oC, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TOTAL CURRENT CONSUMPTION
ICC
Total Supply Current
Not Including the Output Sinking
Current
0.6
1.2
mA
VOLTAGE CONTROL LOOP
Gmv
Transconduction Gain (VCTRL).
Sink Current Only
1
3.5
mA/mV
VREF
Voltage Control Loop Reference
1.198
1.21
1.222
V
IIBV
Input Bias Current (VCTRL)
50
nA
CURRENT CONTROL LOOP
Gmi
Transconduction Gain (ICTRL)
1.5
7
mA/mV
VSENSE
Current Control Loop Reference
IOUT=2.5mA
196
200
204
mV
IIBI
Current Out of Pin ICTRL at -200mV
25
A
OUTPUT STAGE
VOL
Low Output Voltage at 10mA Sinking
Current
200
mV
IOS
Output Short Circuit Current.
Output to VCC. Sink Current Only
27
50
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com