Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4313 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP4313 Datasheet HTML 1Page - Diodes Incorporated AP4313 Datasheet HTML 2Page - Diodes Incorporated AP4313 Datasheet HTML 3Page - Diodes Incorporated AP4313 Datasheet HTML 4Page - Diodes Incorporated AP4313 Datasheet HTML 5Page - Diodes Incorporated AP4313 Datasheet HTML 6Page - Diodes Incorporated AP4313 Datasheet HTML 7Page - Diodes Incorporated AP4313 Datasheet HTML 8Page - Diodes Incorporated AP4313 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP4313
Document number: DS37565 Rev.2 - 2
2 of 9
www.diodes.com
October 2014
© Diodes Incorporated
AP4313
A Product Line of
Diodes Incorporated
Typical Applications Circuit (Cont.)
1.210V
VCC
VOUT
GND
VSENSE
ICTRL
Rss
R4
To primary
R2
R1
VOUT+
VOUT-
Load
R3
C3
R5
R6
500
VCTRL
AP4313
+
+
IL
C1
(V)
(A)
Typical Application 2
1.210V
VCC
VOUT
GND
VSENSE
ICTRL
Rss
R4
To primary
R2
R1
VOUT+
VOUT-
Load
C1
R3
C3
R5
R6
500
VCTRL
AP4313
+
+
IL
(V)
(A)
Typical Application 3
)
(
1
2
1
)]
(
[
SS
L
SS
L
REF
UT
O
R
I
R
R
R
R
I
V
V
SS
SENSE
R
V
it
CurrentLim 
)
(
1
2
1
SS
L
REF
OUT
R
I
R
R
R
V
V
SS
REF
SENSE
REF
SENSE
R
V
V
V
V
it
CurrentLim



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com