Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4313 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP4313 Datasheet HTML 1Page - Diodes Incorporated AP4313 Datasheet HTML 2Page - Diodes Incorporated AP4313 Datasheet HTML 3Page - Diodes Incorporated AP4313 Datasheet HTML 4Page - Diodes Incorporated AP4313 Datasheet HTML 5Page - Diodes Incorporated AP4313 Datasheet HTML 6Page - Diodes Incorporated AP4313 Datasheet HTML 7Page - Diodes Incorporated AP4313 Datasheet HTML 8Page - Diodes Incorporated AP4313 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP4313
Document number: DS37565 Rev.2 - 2
1 of 9
www.diodes.com
October 2014
© Diodes Incorporated
AP4313
A Product Line of
Diodes Incorporated
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Description
The
AP4313
is
a
highly
integrated
solution
for a constant
voltage/constant current mode SMPS application.
The AP4313 contains one 1.21V voltage reference with
1%
accuracy, one current sensing circuit and two operational amplifiers.
Combining the voltage reference with one operational amplifier makes
AP4313 an ideal voltage controller for use in adapters and battery
chargers. The other low voltage reference combined with the other
operational amplifier makes it an ideal current limiter for output low
side current sensing.
The AP4313 is available in SOT26 package.
Features
Constant Voltage and Constant Current Control
Precision Internal Voltage Reference
Few External Components
Easy Compensation
Low Supply Current: 0.5mA
Operating Temperature Range: -40 to +105
oC
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
5
Pin 1 Mark
6
VCTRL
GND
VOUT
VCC
VSENSE
ICTRL
SOT26
Applications
Adapters
Battery Chargers
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Di
odes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
1.210V
VCC
VOUT
GND
VSENSE
ICTRL
Rss
R4
To primary
R2
R1
VOUT+
VOUT-
Load
C1
R3
C3
R5
R6
500
VCTRL
AP4313
+
+
IL
(V)
(A)
Typical Application 1
1
2
1
R
R
R
V
V
REF
OUT
SS
SENSE
R
V
it
CurrentLim 


Similar Part No. - AP4313

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313 Datasheet
99Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313KTR BCDSEMI-AP4313KTR Datasheet
99Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313KTR BCDSEMI-AP4313KTR Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313KTR-E1 BCDSEMI-AP4313KTR-E1 Datasheet
99Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP4313

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com