Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4313 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP4313 Datasheet HTML 1Page - Diodes Incorporated AP4313 Datasheet HTML 2Page - Diodes Incorporated AP4313 Datasheet HTML 3Page - Diodes Incorporated AP4313 Datasheet HTML 4Page - Diodes Incorporated AP4313 Datasheet HTML 5Page - Diodes Incorporated AP4313 Datasheet HTML 6Page - Diodes Incorporated AP4313 Datasheet HTML 7Page - Diodes Incorporated AP4313 Datasheet HTML 8Page - Diodes Incorporated AP4313 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP4313
Document number: DS37565 Rev.2 - 2
5 of 9
www.diodes.com
October 2014
© Diodes Incorporated
AP4313
A Product Line of
Diodes Incorporated
Performance Characteristics
VREF vs. Ambient Temperature
VSENSE vs. Ambient Temperature
VCTRL Pin Input Bias Current vs. Ambient Temperature
ICTRL Pin Input Bias Current vs. Ambient Temperature
Output Short Circuit Current vs. Ambient Temperature
Supply Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
1.195
1.200
1.205
1.210
1.215
1.220
1.225
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
195
196
197
198
199
200
201
202
V
CC
=12V
V
CC
=5V
V
CC
=2.5V
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
V
CC
=12V
V
CC
=5V
V
CC
=2.5V
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
15
20
25
30
35
40
V
CC
=12V
V
CC
=5V
V
CC
=2.5V
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
V
CC
=12V
V
CC
=5V
V
CC
=2.5V
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
CC
=12V
V
CC
=5V
V
CC
=2.5V
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com