Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2421 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2421
Description  PWM STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2421 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2421 Datasheet HTML 1Page - Diodes Incorporated PAM2421 Datasheet HTML 2Page - Diodes Incorporated PAM2421 Datasheet HTML 3Page - Diodes Incorporated PAM2421 Datasheet HTML 4Page - Diodes Incorporated PAM2421 Datasheet HTML 5Page - Diodes Incorporated PAM2421 Datasheet HTML 6Page - Diodes Incorporated PAM2421 Datasheet HTML 7Page - Diodes Incorporated PAM2421 Datasheet HTML 8Page - Diodes Incorporated PAM2421 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PAM2421/ PAM2422/ PAM2423
Document number: DS36383 Rev. 2 - 2
4 of 10
www.diodes.com
January 2016
© Diodes Incorporated
PAM2421/ PAM2422/ PAM2423
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Voltage
-
2.7
-
5.5
V
Under Voltage Lockout Threshold
VIN Rising
-
2.5
-
V
Under Voltage Lockout Hysteresis
-
-
200
-
mV
Quiscent Supply
VFB = 1.4V, Not Switching
-
0.25
0.35
mA
VFB = 1.0V, Switching
-
3
5
Supply Current in Shutdown
EN = Ground
-
0.1
1.0
µA
Switching Frequency
-
-
520
-
kHz
Maximum Duty Cycle
-
85
-
-
%
FB Feedback Voltage
-
1.230
1.262
1.294
V
FB Input Current
-
-
0
80
nA
FB Voltage Line Regulation
VFB from 2.7V to 5.5V
-
0.05
0.15
%/V
Switch Current Limit
PAM2421
VIN = 3.2V
Duty Cycle = 70%
3
-
-
A
PAM2422
4.5
-
-
PAM2423
5.5
-
-
Switching On Resisitance
PAM2421
-
-
130
-
mΩ
PAM2422
-
-
100
-
PAM2423
-
-
70
-
Switch Leakage Current
VSW = 10V, EN = Ground
-
15
µA
Soft Start Pin Bias Current
VSS = 1.2V
2.0
4.5
7.0
µA
Logic High Threshold
EN Pin
1.4
-
-
V
Logic Low Threshold
EN Pin
-
-
0.4
V
EN Pull Down Resistor
-
-
1
-
mΩ
Thermal Shutdown Temperature
-
-
+160
-
°C
Thermal Shutdown Hystersis
-
-
+40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com