Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2421 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2421
Description  PWM STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2421 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2421 Datasheet HTML 1Page - Diodes Incorporated PAM2421 Datasheet HTML 2Page - Diodes Incorporated PAM2421 Datasheet HTML 3Page - Diodes Incorporated PAM2421 Datasheet HTML 4Page - Diodes Incorporated PAM2421 Datasheet HTML 5Page - Diodes Incorporated PAM2421 Datasheet HTML 6Page - Diodes Incorporated PAM2421 Datasheet HTML 7Page - Diodes Incorporated PAM2421 Datasheet HTML 8Page - Diodes Incorporated PAM2421 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAM2421/ PAM2422/ PAM2423
Document number: DS36383 Rev. 2 - 2
1 of 10
www.diodes.com
January 2016
© Diodes Incorporated
PAM2421/ PAM2422/ PAM2423
3A, 4.5A, 5.5A PWM STEP-UP DC-DC CONVERTER
Description
The PAM242x devices are high-performance, fixed frequency,
current-mode PWM step-up DC/DC converters that incorporate
internal power MOSFETs. The PAM242x includes an integrated
power MOSFET that supports peak currents of up to 3A/4.5A/5.5A.
The PAM242x utilizes simple external loop compensation allowing
optimization between component size, cost and AC performance
across a wide range of applications. Additional functions include an
externally programmable soft-start function for easy inrush current
control, internal over-voltage protection (OVP), cycle-by-cycle current
limit protection, under voltage lock-out and thermal shutdown.
The PAM242x is available in the small SO-8EP package.
Features
Greater than 90% Efficiency
Adjustable Output Voltage Up to 24V
Internal 24V Power MOSFET
Peak Current 3A,4.5A,5.5A
520kHz Frequency
Built-in Over-Voltage Protection (OVP)
Open Protection
Programmable Soft-Start Function
Thermal Shutdowns
Under-Voltage-Lockout
Over-Current Protection
SO-8EP Package
Pin Assignments
Applications
TFT LCD Monitors
Battery-Powered Equipment
Set-Top Boxes
DSL and Cable Modems and Routers
Typical Applications Circuit
VIN
AGND
COMP
SS
VIN
3.6V ~ 5.5V
R3
51k
EN
SW
C1
470mF
VOUT
12V/800mA
C2
10mF
C3
1mF
PGND
FB
PAM242X
C6
47pF
C4
10mF
C5
470mF
SS34
C8
10nF
R1
85k
R2
10k
C7
2.2nF
L1
6.8mH
SO-8EP


Similar Part No. - PAM2421

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2421 PAM-PAM2421 Datasheet
210Kb / 9P
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PAM2421AECADJR PAM-PAM2421AECADJR Datasheet
210Kb / 9P
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
More results

Similar Description - PAM2421

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com