Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2421 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2421
Description  PWM STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2421 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2421 Datasheet HTML 1Page - Diodes Incorporated PAM2421 Datasheet HTML 2Page - Diodes Incorporated PAM2421 Datasheet HTML 3Page - Diodes Incorporated PAM2421 Datasheet HTML 4Page - Diodes Incorporated PAM2421 Datasheet HTML 5Page - Diodes Incorporated PAM2421 Datasheet HTML 6Page - Diodes Incorporated PAM2421 Datasheet HTML 7Page - Diodes Incorporated PAM2421 Datasheet HTML 8Page - Diodes Incorporated PAM2421 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PAM2421/ PAM2422/ PAM2423
Document number: DS36383 Rev. 2 - 2
2 of 10
www.diodes.com
January 2016
© Diodes Incorporated
PAM2421/ PAM2422/ PAM2423
Pin Descriptions
Pin
Number
SO-8EP
Pin Name
Function
1
PGND
Power Ground
2
VIN
Supply Input
3
EN
Enable Control. Connect to a logic high level to enable the IC. Connect to a logic low level to disable the IC.
When unused, connect EN pin to IN (do not leave pin floating).
4
COMP
Error Amplifier Compensation Node
5
AGND
Analog Ground
6
FB
Feedback Input.Connect this pin a resistor divider from the output to set the output
voltage. FB is regulated to 1.262V.
7
SS
Soft Start Control Input. Connect a capacitor from this pin to Ground to set soft-start
timing duration. SS is discharged to ground in shutdown. SS may be left unconnected if
soft start is not desired.
8
SW
Switch Output. Connect this pin to the inductor and the schottky diode. To minimize EMI, minimize the PCB
trace path between this pin and the input bypass capacitor.
Exposed PAD Connected to Ground
Functional Block Diagram
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com