Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2421 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM2421
Description  PWM STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2421 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM2421 Datasheet HTML 2Page - Diodes Incorporated PAM2421 Datasheet HTML 3Page - Diodes Incorporated PAM2421 Datasheet HTML 4Page - Diodes Incorporated PAM2421 Datasheet HTML 5Page - Diodes Incorporated PAM2421 Datasheet HTML 6Page - Diodes Incorporated PAM2421 Datasheet HTML 7Page - Diodes Incorporated PAM2421 Datasheet HTML 8Page - Diodes Incorporated PAM2421 Datasheet HTML 9Page - Diodes Incorporated PAM2421 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PAM2421/ PAM2422/ PAM2423
Document number: DS36383 Rev. 2 - 2
7 of 10
www.diodes.com
January 2016
© Diodes Incorporated
PAM2421/ PAM2422/ PAM2423
Application Information
The PAM242x are highly efficient step-up DC/DC converters that employ a current mode, fixed frequency pulse-width modulation (PWM)
architecture with excellent line and load regulation.The PAM242x operate at constant switching frequency under medium to high load current
conditions. At light loads, these devices operate in a pulse-skipping mode in order to improve light-load efficiency.
Soft-Start
The PAM242x both offer a programmable soft-start function which minimizes inrush current during startup. The soft-start period is programmed
by connecting a 10nF capacitor between SS and Ground. Operation of the soft-start function is as follows: when the IC is disabled, SS is actively
discharged to Ground. Upon enabling the IC, CSS is charged with a 4.5µA current so that the voltage at SS increases in a controlled manner.
The peak inductor current is limited by the voltage at SS, so that the input current is limited until the soft-start period expires, and the regulator
can achieve its full output current rating.
Setting the Output Voltage
The both feature external adjustable output voltages of up to 24V. To program the output voltage, simply connect a resistive voltage divider
between the output, FB, and GND, with resistors set according to the following equation:


1
V
V
x
2
R
1
R
FB
OUT
Where VFB is 1.262V.
Rectifier Selection
For optimal performance, the rectifier should be a Schottky rectifier that is rated to handle both the output voltage as well as the peak switch
current.
Open Voltage Protection
The features internal automatic over-voltage protection, when feedback voltage is higher than 115%.
Open Protection
Once the outputs achieve regulation, if the voltage at FB falls below 0.2V the controller will automatically disable, preventing the controller from
running open-loop and potentially damaging the IC and load.
Shutdown
Drive EN low to disable the IC and reduce the supply current to just 0.1µA. As with all nonsynchronous step-up DC/DC converters, the external
Schottky diode provides a DC path from the input to the output in shutdown. As a result, the output drops to one diode voltage drop below the
input in shutdown.
The PAM242x both feature integrated thermal overload protection. Both devices are automatically disabled when their junction temperatures
exceed +160°C, and automatically re-enable when the die temperature decreases by 40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com