Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117800D-60JS Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5117800D-60JS
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117800D-60JS Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5117800D-60JS Datasheet HTML 1Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 2Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 3Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 4Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 5Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 6Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 7Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 8Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MSM5117800D
4/14
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage
on Any Pin Relative to VSS
VIN, VOUT
-0.5 to VCC + 0.5
V
Voltage VCC supply Relative to VSS
VCC
0.5 to 7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD*
1W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
-55 to 150
°C
*: Ta = 25°C
Recommended Operating Conditions
(Ta = 0°C to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
00
0
V
Input High Voltage
VIH
2.4
¾
VCC
+ 0.5
*1
V
Input Low Voltage
VIL
-0.5
*2
¾
0.8
V
Notes:
*1. The input voltage is VCC
+ 2.0V when the pulse width is less than 20ns (the pulse width is with
respect to the point at which VCC is applied).
*2. The input voltage is VSS
- 2.0V when the pulse width is less than 20ns (the pulse width respect to
the point at which VSS is applied).
Capacitance
(VCC = 5V ± 10%, Ta = 25°C, f=1MHz)
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 – A9, A10R)
CIN1
¾
5pF
Input Capacitance
(RAS, CAS, WE, OE)
CIN2
¾
7pF
Output Capacitance (DQ1 – DQ8)
CI/O
¾
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com