Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117800D-60JS Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5117800D-60JS
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117800D-60JS Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5117800D-60JS Datasheet HTML 2Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 3Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 4Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 5Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 6Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 7Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 8Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 9Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MSM5117800D
6/14
AC Characteristic (1/2)
(VCC = 5V ± 10%, Ta = 0°C to 70°C) Note1,2,3,11,12
MSM5117800
D-50
MSM5117800
D-60
MSM5117800
D-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
90
¾
110
¾
130
¾
ns
Read Modify Write Cycle Time
tRWC
131
¾
155
¾
185
¾
ns
Fast Page Mode Cycle Time
tPC
35
¾
40
¾
45
¾
ns
Fast Page Mode Read Modify
Write Cycle Time
tPRWC
76
¾
85
¾
100
¾
ns
Access Time from RAS
tRAC
¾
50
¾
60
¾
70
ns
4,5,6
Access Time from CAS
tCAC
¾
13
¾
15
¾
20
ns
4,5
Access Time from Column Address
tAA
¾
25
¾
30
¾
35
ns
4,6
Access Time from CAS Precharge
tCPA
¾
30
¾
35
¾
40
ns
4
Access Time from OE
tOEA
¾
13
¾
15
¾
20
ns
4
Output Low Impedance Time from
CAS
tCLZ
0
¾
0
¾
0
¾
ns
4
CAS to Data Output Buffer Turn-
off Delay Time
tOFF
0130150
20
ns
7
OE to Data Output Buffer Turn-off
Delay Time
tOEZ
0130150
20
ns
7
Transition Time
tT
3503503
50
ns
3
Refresh Period
tREF
¾
32
¾
32
¾
32
m
s
RAS Precharge Time
tRP
30
¾
40
¾
50
¾
ns
RAS Pulse Width
tRAS
50
10,000
60
10,000
70
10,000
ns
RAS Pulse Width (Fast Page Mode)
tRASP
50
100,000
60
100,000
70
100,000
ns
RAS Hold Time
tRSH
13
¾
15
¾
20
¾
ns
RAS Hold Time referenced to OE
tROH
13
¾
15
¾
20
¾
ns
CAS Precharge Time
(Fast Page Mode)
tCP
7
¾
10
¾
10
¾
ns
CAS Pulse Width
tCAS
13
10,000
15
10,000
20
10,000
ns
CAS Hold Time
tCSH
50
¾
60
¾
70
¾
ns
CAS to RAS Precharge Time
tCRP
5
¾
5
¾
5
¾
ns
RAS Hold Time from CAS Precharge tRHCP
30
¾
35
¾
40
¾
ns
RAS to CAS Delay Time
tRCD
17
37
20
45
20
50
ns
5
RAS to Column Address Delay Time
tRAD
12
25
15
30
15
35
ns
6
Row Address Set-up Time
tASR
0
¾
0
¾
0
¾
ns
Row Address Hold Time
tRAH
7
¾
10
¾
10
¾
ns
Column Address Set-up Time
tASC
0
¾
0
¾
0
¾
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com