Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117800D-60JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5117800D-60JS
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117800D-60JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5117800D-60JS Datasheet HTML 3Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 4Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 5Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 6Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 7Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 8Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 9Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 10Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MSM5117800D
7/14
AC Characteristic (2/2)
(VCC = 5V ± 10%, Ta = 0°C to 70°C) Note1,2,3,11,12
MSM5117800
D-50
MSM5117800
D-60
MSM5117800
D-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Column Address Hold Time
tCAH
7
¾
15
¾
15
¾
ns
Column Address to RAS Lead Time
tRAL
25
¾
30
¾
35
¾
ns
Read Command Set-up Time
tRCS
0
¾
0
¾
0
¾
ns
Read Command Hold Time
tRCH
0
¾
0
¾
0
¾
ns
8
Read Command Hold Time
referenced to RAS
tRRH
0
¾
0
¾
0
¾
ns
8
Write Command Set-up Time
tWCS
0
¾
0
¾
0
¾
ns
9
Write Command Hold Time
tWCH
7
¾
10
¾
15
¾
ns
Write Command Pulse Width
tWP
7
¾
10
¾
10
¾
ns
OE Command Hold Time
tOEH
13
¾
15
¾
20
¾
ns
Write Command to RAS Lead Time
tRWL
13
¾
15
¾
20
¾
ns
Write Command to CAS Lead Time
tCWL
13
¾
15
¾
20
¾
ns
Data-in Set-up Time
tDS
0
¾
0
¾
0
¾
ns
10
Data-in Hold Time
tDH
7
¾
15
¾
15
¾
ns
10
OE to Data-in Delay Time
tOED
13
¾
15
¾
20
¾
ns
CAS to WE Delay Time
tCWD
36
¾
40
¾
50
¾
ns
9
Column Address to WE Delay Time
tAWD
48
¾
55
¾
65
¾
ns
9
RAS to WE Delay Time
tRWD
73
¾
85
¾
100
¾
ns
9
CAS Precharge WE Delay Time
tCPWD
53
¾
60
¾
70
¾
ns
9
CAS Active Delay Time from RAS
Precharge
tRPC
10
¾
10
¾
10
¾
ns
RAS to CAS Set-up Time
(CAS before RAS)
tCSR
10
¾
10
¾
5
¾
ns
RAS to CAS Hold Time
(CAS before RAS)
tCHR
10
¾
10
¾
10
¾
ns
WE to RAS Precharge Time
(CAS before RAS)
tWRP
10
¾
10
¾
10
¾
ns
WE Hold Time from RAS
(CAS before RAS)
tWRH
10
¾
10
¾
10
¾
ns
RAS to WE Set-up Time (Test Mode)
tWTS
10
¾
10
¾
10
¾
ns
RAS to WE Hold Time (Test Mode)
tWTH
10
¾
10
¾
10
¾
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com