Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117800D-60JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5117800D-60JS
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117800D-60JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5117800D-60JS Datasheet HTML 1Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 2Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 3Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 4Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 5Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 6Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 7Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 8Page - OKI electronic componets MSM5117800D-60JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
Semiconductor
MSM5117800D
2,097,152-Word
´´´´ 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
DESCRIPTION
The MSM5117800D is a 2,097,152-word
´ 8-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS
technology. The MSM5117800D achieves high integration, high-speed operation, and low-power consumption
because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The
MSM5117800D is available in a 28-pin plastic SOJ, 28-pin plastic TSOP.
FEATURES
·
2,097,152-word
´ 8-bit configuration
·
Single 5V power supply,
±10% tolerance
·
Input
: TTL compatible, low input capacitance
·
Output
: TTL compatible, 3-state
·
Refresh : 2048 cycles/32 ms
·
Fast page mode, read modify write capability
·
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
·
Multi-bit test mode capability
·
Package options:
28-pin 400mil plastic SOJ
(SOJ28-P-400-1.27)
(Product : MSM5117800D-xxJS)
28-pin 400mil plastic TSOP
(TSOPII28-P-400-1.27-K)
(Product : MSM5117800D-xxTS-K)
(TSOPII28-P-400-1.27-L)
(Product : MSM5117800D-xxTS-L)
xx : indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating (Max.)
Standby (Max.)
MSM5117800D-50
50ns
25ns
13ns
13ns
90ns
550mW
MSM5117800D-60
60ns
30ns
15ns
15ns
110ns
495mW
MSM5117800D-70
70ns
35ns
20ns
20ns
130ns
440mW
5.5mW
This version:Apr.1999


Similar Part No. - MSM5117800D-60JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117800A OKI-MSM5117800A Datasheet
592Kb / 8P
2,197,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F-50 OKI-MSM5117800F-50 Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F-60 OKI-MSM5117800F-60 Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5117800D-60JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100 OKI-MSM512100 Datasheet
251Kb / 16P
2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800C OKI-MSM5116800C Datasheet
483Kb / 16P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com