Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB72 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUB72
Description  Three Phase Rectifier Bridge With Brake Chopper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB72 Datasheet(HTML) 2 Page - IXYS Corporation

  VUB72 Datasheet HTML 1Page - IXYS Corporation VUB72 Datasheet HTML 2Page - IXYS Corporation VUB72 Datasheet HTML 3Page - IXYS Corporation VUB72 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2003 IXYS All rights reserved
2 - 4
VUB 72
Chopper Transistor T
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
DC; T
C =
25°C
50
A
I
C80
DC; T
C =
80°C
35
A
I
CM
V
GE = ±15 V; RG = 39 Ω; TVJ = 125°C
50
A
V
CEK
RBSOA; L = 100 µH
V
CES
t
SC
V
GE = ±15 V; VCE = 900 V; TVJ = 125°C
10
µs
(SCSOA)
R
G = 39 Ω; non repetitive
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 25 A; VGE = 15 V; TVJ =
25°C
1.9
2.4
V
T
VJ = 125°C
2.1
V
V
GE(th)
I
C = 1 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
0.1
mA
T
VJ = 125°C
0.1
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
80
ns
t
r
50
ns
t
d(off)
440
ns
t
f
50
ns
E
on
3.8
mJ
E
off
2.0
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
2.0
nF
Q
Gon
V
CE= 600 V; VGE = 15 V; IC = 35 A
150
nC
R
thJC
0.6 K/W
R
thJH
with heat transfer paste, see mounting instructions
1.2 K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 25 A
V
GE =
±15 V; R
G = 39 Ω
Module
Symbol
Conditions
Maximum Ratings
I
RMS
per pin
100
A
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz; t = 1 min
3600
V~
M
d
Mounting torque (M5)
2 - 2.5
Nm
Symbol
Conditions
Characteristic Values
min.
typ.
max.
d
A, dS
5mm
Weight
35
g
Equivalent Circuits for Simulation
Conduction
D1 - D6
Diode (typ. at T
J = 125°C)
V
0 = 0.85 V; R0 = 7 m
Ω
T/D
IGBT (typ. at V
GE = 15 V; TJ = 125°C)
V
0 = 1.0 V; R0 = 45 m
Ω
Free Wheeling Diode (typ. at T
J = 125°C)
V
0 = 1.25 V; R0 = 32 m
Ω
Dimensions in mm (1 mm = 0.0394")
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
typ.
R
25
T = 25°C
2.2
k
Ω
B
25/100
100
K
R(T) = R
25 • e
B
25/100
11
T
298K
()



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com