Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB72 Datasheet(PDF) 4 Page - IXYS Corporation

Part # VUB72
Description  Three Phase Rectifier Bridge With Brake Chopper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB72 Datasheet(HTML) 4 Page - IXYS Corporation

  VUB72 Datasheet HTML 1Page - IXYS Corporation VUB72 Datasheet HTML 2Page - IXYS Corporation VUB72 Datasheet HTML 3Page - IXYS Corporation VUB72 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2003 IXYS All rights reserved
4 - 4
VUB 72
0
1
2
345
67
0
20
40
60
80
100
120
V
V
CE
A
I
C
012
34
0
10
20
30
40
50
V
V
F
I
F
A
0
20406080
0
2
4
6
0
200
400
600
800
1000
1200
E
off
t
d(off)
t
f
I
C
A
E
off
t
mJ
ns
10
20
30
40
50
60
70
80
0
1
2
3
4
0
200
400
600
800
E
off
t
d(off)
t
f
Ω
E
off
t
ns
mJ
0.00001 0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
t
s
K/W
Z
thJC
0
25
50
75
100
125
150
1900
2000
2100
2200
2300
T
°C
Ω
R
R
G
V
GE = 15 V
T
VJ = 125°C
T
VJ = 25°C
single pulse
T
VJ = 25°C
T
VJ = 125°C
V
CE = 600 V
V
GE = ±15 V
R
G = 39 Ω
T
VJ
= 125°C
V
CE = 600 V
V
GE = ±15 V
I
C
= 35 A
T
VJ
= 125°C
chopper diode
rectifier diode
IGBT
Fig. 6 Typ. IGBT output characteristics
Fig. 7 Typ. forward characteristics
of free wheeling diode
Fig. 8 Typ. IGBT turn off energy and switching
Fig. 9 Typ. IGBT turn off energy and switching
times versus collector current
times versus gate resistor
Fig. 10
Typ. transient thermal impedance
Fig. 11
Typ. thermistorresistance versus
temperature
Temperature Sensor NTC
Chopper T - D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com