Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB72 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VUB72
Description  Three Phase Rectifier Bridge With Brake Chopper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB72 Datasheet(HTML) 3 Page - IXYS Corporation

  VUB72 Datasheet HTML 1Page - IXYS Corporation VUB72 Datasheet HTML 2Page - IXYS Corporation VUB72 Datasheet HTML 3Page - IXYS Corporation VUB72 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
3 - 4
VUB 72
0
10
2030
405060
70
0
20
40
60
80
100
120
140
P
tot
I
d(AV)M
A
W
T
A
0
40
80
120
160
°C
R
thHA
[K/W]
0.5
1
1.5
2
3
4
6
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
80
V
F
A
I
F
V
T
VJ= 25°C
T
VJ=150°C
max.
typ.
0
40
80
120
160
0
10
20
30
40
50
60
70
80
T
H
I
d(AV)M
°C
A
I
2t
A2s
ms
t
110
10
100
1000
10000
T
VJ= 150°C
T
VJ= 45°C
V
R= 0 V
s
t
A
I
FSM
0.001
0.01
0.1
1
0
100
200
300
400
500
V
R= 0.8VRRM
T
VJ= 45°C
T
VJ= 150°C
Input Rectifier D1-D6
Fig. 3 Maximum forward current
Fig. 4 I2t versus time
versus heatsink temperature (Rectifier bridge)
per rectifier diode
Fig. 5
Power dissipation versus direct output current and ambient temperature (Rectifier bridge)
Fig. 1 Forward current versus voltage
Fig. 2 Surge overload current per
drop per rectifier diode
rectifier diode
Note:
transient thermal impedance
see next page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com