Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB72 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUB72
Description  Three Phase Rectifier Bridge With Brake Chopper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB72 Datasheet(HTML) 1 Page - IXYS Corporation

  VUB72 Datasheet HTML 1Page - IXYS Corporation VUB72 Datasheet HTML 2Page - IXYS Corporation VUB72 Datasheet HTML 3Page - IXYS Corporation VUB72 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
1 - 4
VUB 72
IXYS reserves the right to change limits, test conditions and dimensions.
Features
• three phase mains rectifier
• brake chopper:
- IGBT with low saturation voltage
- HiPerFREDTM free wheeling diode
• module package:
- high level of integration
- solder terminals for PCB mounting
- UL registered E72873
- isolated DCB ceramic base plate
- large creepage and strike distances
- high reliability
Applications
drives with
• mains input
• DC link
• inverter or chopper feeding the machine
• motor and generator/brake operation
V
RRM = 1200/1600 V
I
dAVM
= 110 A
Three Phase Rectifier Bridge
with Brake Chopper
Input Rectifier D1 - D6
Symbol
Conditions
Maximum Ratings
V
RRM
VUB 72 -12 NO1
1200
V
VUB 72 -16 NO1
1600
V
I
FAV
T
C = 80°C; sine 180°
40
A
I
DAVM
T
C = 80°C; rectangular; d =
1/
3; bridge
110
A
I
FSM
T
VJ = 25°C; t = 10 ms; sine 50 Hz
530
A
P
tot
T
C = 25°C
100
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 25 A;
T
VJ =
25°C
1.0
1.1
V
T
VJ = 125°C
0.9
V
I
R
V
R = VRRM;TVJ =
25°C
0.02
mA
V
R = 0.8
•
V
RRM;TVJ = 125°C
0.4
mA
R
thJC
per diode
1.2 K/W
R
thJH
with heat transfer paste
1.42 K/W
Chopper Diode D
Symbol
Conditions
Maximum Ratings
V
RRM
T
VJ = 25°C to 150°C
1200
V
I
F25
DC; T
C =
25°C
25
A
I
F80
DC; T
C =
80°C
15
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 25 A; TVJ =
25°C
2.7
3.1
V
T
VJ = 125°C
2.0
V
I
R
V
R = VRRM;TVJ =
25°C
0.1
mA
T
VJ = 125°C
0.1
mA
I
RM
I
F = 15A; diF/dt = -400 A/µs; TVJ = 125°C
16
A
t
rr
V
R = 600 V
130
ns
R
thJC
2.3 K/W
R
thJH
with heat transfer paste
3.12 K/W
NTC
D1
D3
D5
D2
D4
D6
D
T
1 2
4 5
6
7
9 10


Similar Part No. - VUB72

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB72-12NOXT IXYS-VUB72-12NOXT Datasheet
362Kb / 8P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
logo
Inchange Semiconductor ...
VUB72-16NO1 ISC-VUB72-16NO1 Datasheet
371Kb / 5P
Three Phase Rectifier Bridge with Brake Chopper
logo
IXYS Corporation
VUB72-16NOXT IXYS-VUB72-16NOXT Datasheet
376Kb / 7P
Three Phase Rectifier Bridge with Brake Chopper
More results

Similar Description - VUB72

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK74DGL063 SEMIKRON-SK74DGL063 Datasheet
290Kb / 2P
3-phase bridge rectifier brake chopper
SKIIP28ANB16V1 SEMIKRON-SKIIP28ANB16V1 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper
SKIIP39ANB16V1 SEMIKRON-SKIIP39ANB16V1 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper
SKIIP29AHB08V1 SEMIKRON-SKIIP29AHB08V1 Datasheet
1Mb / 5P
3-phase bridge rectifier brake chopper
SKIIP39AHB16V1 SEMIKRON-SKIIP39AHB16V1 Datasheet
1Mb / 5P
3-phase bridge rectifier brake chopper
SKIIP29ANB08V1 SEMIKRON-SKIIP29ANB08V1 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper
SKIIP28AHB16V1 SEMIKRON-SKIIP28AHB16V1 Datasheet
1Mb / 5P
3-phase bridge rectifier brake chopper
SK74DGL063 SEMIKRON-SK74DGL063_06 Datasheet
872Kb / 4P
3-phase bridge rectifier brake chopper
SKIIP39ANB16V2 SEMIKRON-SKIIP39ANB16V2 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper
logo
IXYS Corporation
VUB72-16NOXT IXYS-VUB72-16NOXT Datasheet
376Kb / 7P
Three Phase Rectifier Bridge with Brake Chopper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com